Zakładka z wyszukiwarką danych komponentów |
|
C-1001Y Arkusz danych(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD. |
|
C-1001Y Arkusz danych(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD. |
8 / 10 page 1.00 INCH SINGLE DIGIT DISPLAY C-1001Y G/W REV:A / 0 —LEAD STRENGTH 1) Bend strength Do not bend the PIN more than twice. (Fig.7) 2) Tensile strength (@Room Temperature) If the force is 1kg or less, there will be no problem. (Fig.8) —HANDLING PRECAUTIONS Although rigid against vibration, the Display may damaged or scratched if dropped. So take care when handling. —CHEMICAL RESISTANCE 1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration. 2) When washing is required, refer to the following table for the proper chemical to be used. SOLVENT ADAPTABILITY Freon TE ⊙ Chlorothene ╳ Isopropyl Alcohol ⊙ Thinner ╳ Acetone ╳ Trichloroethylene ╳ ⊙--Usable ╳--Do not use. DRAWING NO. : DS-11-07-0136 DATE : 2007-07-31 Page : 8 Fig.7 1Kg ok! Fig.8 Release by PARALIGHTDCC |
Podobny numer części - C-1001Y |
|
Podobny opis - C-1001Y |