Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD2N100 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQD2N100
Szczegółowy opis  N-Channel QFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N100 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQD2N100 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
0
2
4
6
8
0
1
2
1
14
0
2
4
6
8
10
12
V
DS = 500V
V
DS = 200V
V
DS = 1000V
Note : I
D = 1.6 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
500
600
700
C
iss = Cgs + Cgd (Cds = shorted)
C
gd
ds
C
oss = C + Cgd
C
rss =
Notes :
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
25℃
Notes:
1. V
GS = 0V
2. 250µs PulseTest
V
SD , Source-Drain Voltage [V]
01
3
2
4
0
5
10
15
20
Note : T
J = 25
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
22
8
10
10
-1
10
0
Notes :
1. V
DS = 50V
2. 250µs PulseTest
-55℃
150℃
25℃
4
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
Notes:
1. 250µs Pulse Test
2. T
C = 25
Typical Characteristics
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current and
Temperature
Figure 2. Transfer Characteristics
V
DS, Drain-Source Voltage [V]
Figure 1. On-Region Characteristics
www.fairchildsemi.com
©2004 Fairchild Semiconductor Corporation
FQD2N100 / FQU2N100 Rev. C0


Podobny numer części - FQD2N100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD2N100 ISC-FQD2N100 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
More results

Podobny opis - FQD2N100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com