Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LAW005C Arkusz danych(PDF) 2 Page - Lineage Power Corporation

Numer części LAW005C
Szczegółowy opis  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005C Arkusz danych(HTML) 2 Page - Lineage Power Corporation

  LAW005C Datasheet HTML 1Page - Lineage Power Corporation LAW005C Datasheet HTML 2Page - Lineage Power Corporation LAW005C Datasheet HTML 3Page - Lineage Power Corporation LAW005C Datasheet HTML 4Page - Lineage Power Corporation LAW005C Datasheet HTML 5Page - Lineage Power Corporation LAW005C Datasheet HTML 6Page - Lineage Power Corporation LAW005C Datasheet HTML 7Page - Lineage Power Corporation LAW005C Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Lineage Power
LAW005-Series Power Modules; dc-dc Converters:
Data Sheet
36 Vdc to 75 Vdc Input; 5 W
April 2008
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* At IO = IO, max, derate linearly to 0 W at 100 °C. Unit guaranteed to start at –40 °C. All parameters will be within specification at TA = –25 °C.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage and resistive load from –25 °C to
+71 °C.
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow fuse with a maximum rating of 5 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Symbol
Min
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
VI
VI, trans
0
0
80
100
Vdc
V
Operating Ambient Temperature*
(natural convection)
TA
–25
71
°C
Storage Temperature
Tstg
–55
105
°C
I/O Isolation Voltage
1500
Vdc
Table 1. Input Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
36
48
75
Vdc
Input Current
(VI = 0 V to VI, max; IO = IO, max)
II, max
—250
mA
Inrush Transient
i2t
0.008
A2s
Input Reflected-ripple Current
(See Figure 1.)
II
—5—
mAp-p


Podobny numer części - LAW005C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

Podobny opis - LAW005C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com