Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S1210-EP Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD2S1210-EP
Szczegółowy opis  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S1210-EP Arkusz danych(HTML) 5 Page - Analog Devices

  AD2S1210-EP Datasheet HTML 1Page - Analog Devices AD2S1210-EP Datasheet HTML 2Page - Analog Devices AD2S1210-EP Datasheet HTML 3Page - Analog Devices AD2S1210-EP Datasheet HTML 4Page - Analog Devices AD2S1210-EP Datasheet HTML 5Page - Analog Devices AD2S1210-EP Datasheet HTML 6Page - Analog Devices AD2S1210-EP Datasheet HTML 7Page - Analog Devices AD2S1210-EP Datasheet HTML 8Page - Analog Devices AD2S1210-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD2S1210-EP
Rev. 0 | Page 5 of 16
TIMING SPECIFICATIONS
AVDD = DVDD = 5.0 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Description
Limit at T
MIN, TMAX
Unit
f
CLKIN
Frequency of clock input
6.144
MHz min
10.24
MHz max
t
CK
Clock period (t
CK = 1/fCLKIN)
98
ns min
163
ns max
t
1
A0 and A1 setup time before RD/CS low
2
ns min
t
2
Delay CS falling edge to WR/FSYNC rising edge
22
ns min
t
3
Address/data setup time during a write cycle
3
ns min
t
4
Address/data hold time during a write cycle
2
ns min
t
5
Delay WR/FSYNC rising edge to CS rising edge
2
ns min
t
6
Delay CS rising edge to CS falling edge
10
ns min
t
7
Delay between writing address and writing data
2 × t
CK + 20
ns min
t
8
A0 and A1 hold time after WR/FSYNC rising edge
2
ns min
t
9
Delay between successive write cycles
6 × t
CK + 20
ns min
t
10
Delay between rising edge of WR/FSYNC and falling edge of RD
2
ns min
t
11
Delay CS falling edge to RD falling edge
2
ns min
t
12
Enable delay RD low to data valid in configuration mode
V
DRIVE = 4.5 V to 5.25 V
37
ns min
V
DRIVE = 2.7 V to 3.6 V
25
ns min
V
DRIVE = 2.3 V to 2.7 V
30
ns min
t
13
RD rising edge to CS rising edge
2
ns min
t
14A
Disable delay RD high to data high-Z
16
ns min
t
14B
Disable delay CS high to data high-Z
16
ns min
t
15
Delay between rising edge of RD and falling edge of WR/FSYNC
2
ns min
t
16
SAMPLE pulse width
2 × t
CK + 20
ns min
t
17
Delay from SAMPLE before RD/CS low
6 × t
CK + 20
ns min
t
18
Hold time RD before RD low
2
ns min
t
19
Enable delay RD/CS low to data valid
V
DRIVE = 4.5 V to 5.25 V
17
ns min
V
DRIVE = 2.7 V to 3.6 V
21
ns min
V
DRIVE = 2.3 V to 2.7 V
33
ns min
t
20
RD pulse width
6
ns min
t
21
A0 and A1 set time to data valid when RD/CS low
V
DRIVE = 4.5 V to 5.25 V
36
ns min
V
DRIVE = 2.7 V to 3.6 V
37
ns min
V
DRIVE = 2.3 V to 2.7 V
29
ns min
t
22
Delay WR/FSYNC falling edge to SCLK rising edge
3
ns min
t
23
Delay WR/FSYNC falling edge to SDO release from high-Z
V
DRIVE = 4.5 V to 5.25 V
16
ns min
V
DRIVE = 2.7 V to 3.6 V
26
ns min
V
DRIVE = 2.3 V to 2.7 V
29
ns min
t
24
Delay SCLK rising edge to DBx valid
V
DRIVE = 4.5 V to 5.25 V
24
ns min
V
DRIVE = 2.7 V to 3.6 V
18
ns min
V
DRIVE = 2.3 V to 2.7 V
32
ns min
t
25
SCLK high time
0.4 × t
SCLK
ns min
t
26
SCLK low time
0.4 × t
SCLK
ns min
t
27
SDI setup time prior to SCLK falling edge
3
ns min
t
28
SDI hold time after SCLK falling edge
2
ns min


Podobny numer części - AD2S1210-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
More results

Podobny opis - AD2S1210-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com