Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5T17 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części SM5T17
Szczegółowy opis  Wideband Load Insensitive Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM5T17 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM5T17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM5T17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wideband Load Insensitive Mixer
Rev. V2
SM5T17
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 50 TO 5000 MHz
• RF 50 TO 5000 MHz
• IF 50 TO 3000 MHz
• LO DRIVE +17 dBm (NOMINAL)
• INSENSITIVE TO SYSTEM LOAD MISMATCH
• HIGH INTERCEPT: +24 dBm (TYP.)
Description
The SM5T17 is a termination insensitive mixer, designed for use
in military, wireless and test equipment applications. The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal
loads
to
provide
excellent
performance
without
degradation due to external VSWR mismatches. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202
or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
SM5T17
Surface Mount
Electrical Specifications: Z0 = 50Ω Lo = +17 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 0.05 to 1.5 GHz, fL = 0.05 to 1.5 GHz, fI = 0.05 to 1.5 GHz
fR = 1.5 to 3.0 GHz, fL = 1.5 to 3.0 GHz, fI = 0.05 to 3.0 GHz
fR = 3.0 to 5.0 GHz, fL = 3.0 to 5.0 GHz, fI = 0.05 to 3.0 GHz
dB
dB
dB
6.9
7.5
8.5
8.3
8.8
10.5
9.0
9.5
11.2
Isolation, L to R (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
dB
35
33
25
23
23
21
Isolation, L to I (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
dB
40
35
32
25
30
23
Isolation, R to I (min)
fR = 0.05 to 5.0 GHz
dB
32
1 dB Conversion Comp.
fL = +17 dBm
dBm
+13
Input IP3
fL = 0.05 to 5.0 GHz, fR = 0.05 to 5.0 GHz,
fI = 0.05 to 3.0 GHz
dBm
+24
VSWR
R-Port fR = 0.05 to 5.0 GHz,
L-Port fL = 0.05 to 5.0 GHz,
I-Port fI =0.05 to 3.0 GHz
1.6:1
1.5:1
1.4:1
Product Image


Podobny numer części - SM5T17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
More results

Podobny opis - SM5T17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5TH MACOM-SM5TH Datasheet
194Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T MA-COM-SM5T Datasheet
88Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH MA-COM-SM5TH Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
M5T MA-COM-M5T Datasheet
508Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH_V3 MA-COM-SM5TH_V3 Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5T MA-COM-SM5T_15 Datasheet
494Kb / 3P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com