Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD10N20LTM Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FQD10N20LTM
Szczegółowy opis  N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20LTM Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FQD10N20LTM Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20LTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by RG
•ISD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by RG
•ISD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
©2000 Fairchild Semiconductor Corporation
FQD10N20L Rev. C1
www.fairchildsemi.com
6


Podobny numer części - FQD10N20LTM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FQD10N20LTM VBSEMI-FQD10N20LTM Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Podobny opis - FQD10N20LTM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com