Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF3205ZSTRLPBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF3205ZSTRLPBF
Szczegółowy opis  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF3205ZSTRLPBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRF3205ZSTRLPBF Datasheet HTML 1Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 2Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 3Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 4Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 5Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 6Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 7Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 8Page - International Rectifier IRF3205ZSTRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRF3205ZS/LPbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Normalized On-Resistance
Vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
120
LIMITED BY PACKAGE
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 66A
VGS = 10V


Podobny numer części - IRF3205ZSTRLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205ZS IRF-IRF3205ZS Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3205ZS KERSEMI-IRF3205ZS Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF3205ZS ISC-IRF3205ZS Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3205ZSPBF IRF-IRF3205ZSPBF Datasheet
370Kb / 13P
   AUTOMOTIVE MOSFET
More results

Podobny opis - IRF3205ZSTRLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com