Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU208A Arkusz danych(PDF) 2 Page - Continental Device India Limited

Numer części BU208A
Szczegółowy opis  NPN SILICON PLANAR POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU208A Arkusz danych(HTML) 2 Page - Continental Device India Limited

  BU208A Datasheet HTML 1Page - Continental Device India Limited BU208A Datasheet HTML 2Page - Continental Device India Limited BU208A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BU208A
TO-3
Metal Can Package
`
TO-3 Metal Can Package
TO-3
100 pcs/pkt
1.3 kg/100 pcs
12.5" x 8" x 1.8"
0.1K
17" x 11.5" x 21"
2K
27.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
A
D
F
J
M
2
1
B
DIM
MIN.
MAX.
A
39.37
B
22.22
C
6.35
8.50
D
0.96
1.09
E
1.77
F
29.90
30.40
G
10.69
11.18
H
5.20
5.72
J
16.64
17.15
K
11.15
12.25
L
26.67
M
3.84
4.19
3
PIN CONFIGURATION
1. BASE
2. EMITTER
3. COLLECTOR
2
1
Continental Device India Limited
Data Sheet
Page 2 of 3


Podobny numer części - BU208A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BU208A MOSPEC-BU208A Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Savantic, Inc.
BU208A SAVANTIC-BU208A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BU208A MOTOROLA-BU208A Datasheet
202Kb / 6P
   5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
logo
New Jersey Semi-Conduct...
BU208A NJSEMI-BU208A Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
logo
ON Semiconductor
BU208A ONSEMI-BU208A Datasheet
202Kb / 6P
   NPN SILICON POWER TRANSISTOR
1995 REV 7
More results

Podobny opis - BU208A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
BD707 TEL-BD707 Datasheet
159Kb / 2P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC3852 CDIL-CFC3852 Datasheet
82Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD2375 CDIL-CFD2375 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
   NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com