Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q10N4 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części Q10N4
Szczegółowy opis  10 Amp Standard & Alternistor (High Communitation) Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q10N4 Arkusz danych(HTML) 2 Page - Littelfuse

  Q10N4 Datasheet HTML 1Page - Littelfuse Q10N4 Datasheet HTML 2Page - Littelfuse Q10N4 Datasheet HTML 3Page - Littelfuse Q10N4 Datasheet HTML 4Page - Littelfuse Q10N4 Datasheet HTML 5Page - Littelfuse Q10N4 Datasheet HTML 6Page - Littelfuse Q10N4 Datasheet HTML 7Page - Littelfuse Q10N4 Datasheet HTML 8Page - Littelfuse Q10N4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
90
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
10 Amp Standard & Alternistor (High Communitation) Triacs
Qxx10xx & Qxx10xHx Series
Absolute Maximum Ratings — Standard Triac
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx10Ry/
Qxx10Ny
T
C = 95°C
10
A
Qxx10Ly
T
C = 90°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
100
A
f = 60 Hz
t = 16.7 ms
120
I2t
I2t Value for fusing
t
p = 8.3 ms
60
A2s
di/dt
Critical rate of rise of on-state current
I
G = 200mA with ≤ 0.1μs rise time
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
I
GT ≤ IGTM
T
J = 125°C
1.8
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Absolute Maximum Ratings — Alternistor Triac (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx10LHy
T
C = 90°C
10
A
Qxx10RHy/
Qxx10NHy
T
C = 95°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
110
A
f = 60 Hz
t = 16.7 ms
120
I2t
I2t Value for fusing
t
p = 8.3 ms
60
A2s
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
I
GT ≤ IGTM
T
J = 125°C
2.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Qxx10x4
Qxx10x5
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
25
50
50
75 (TYP)
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
ALL
MIN.
0.2
V
I
H
I
T = 200mA
MAX.
35
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
150
225
V/μs
600V
100
200
800V
75
175
V
D = VDRM Gate Open TJ = 100°C
1000V
50
150
(dv/dt)c
(di/dt)c = 5.4 A/ms T
J = 125°C
TYP.
2
4
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 14.1 A(pk)
TYP.
3.0
3.0
μs
Note: xx = voltage, x = package, y = sensitivity


Podobny numer części - Q10N4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerbox
Q10N-12 POWERBOX-Q10N-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10N-24 POWERBOX-Q10N-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10N-5 POWERBOX-Q10N-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
Q10N-5CTS XPPOWER-Q10N-5CTS Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Podobny opis - Q10N4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com