Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1399 Arkusz danych(PDF) 4 Page - NEC

Numer części 2SK1399
Szczegółowy opis  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK1399 Arkusz danych(HTML) 4 Page - NEC

  2SK1399 Datasheet HTML 1Page - NEC 2SK1399 Datasheet HTML 2Page - NEC 2SK1399 Datasheet HTML 3Page - NEC 2SK1399 Datasheet HTML 4Page - NEC 2SK1399 Datasheet HTML 5Page - NEC 2SK1399 Datasheet HTML 6Page - NEC 2SK1399 Datasheet HTML 7Page - NEC 2SK1399 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14770EJ2V0DS00
4
2SK1399
Pulse measurement
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
20
30
VGS - Gate to Source Voltage - V
10
0
510
0
1
234
6
789
ID = 100 mA
10 mA
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
12
5
10
20
60
ID - Drain Current - mA
100
1
2
0.6
0
5
10
20
50
4.0 V
VGS = 2.5 V
Pulse
measurement


Podobny numer części - 2SK1399

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SK1399 KEXIN-2SK1399 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK1399 RENESAS-2SK1399 Datasheet
246Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Guangdong Kexin Industr...
2SK1399-3 KEXIN-2SK1399-3 Datasheet
845Kb / 3P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK1399-T1B-A VBSEMI-2SK1399-T1B-A Datasheet
1,004Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SK1399 KEXIN-2SK1399_15 Datasheet
816Kb / 3P
   N-Channel MOSFET
More results

Podobny opis - 2SK1399

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com