Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13892CJVL Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC13892CJVL
Szczegółowy opis  Power Management Integrated Circuit (PMIC) for the i.MX35/51
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892CJVL Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13892CJVL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892CJVL Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• Freescale i.MX Processors
• Smartbook Tablets
•eBooks
• Smartphones
• Portable Navigation Devices
• Media Phones
• Ultrasound Medical Equipment
• Other Embedded Hand-held Devices
Overview
The MC13892 is a highly integrated power
management integrated circuit designed
specifically for the i.MX35 and i.MX51
application processor families. It also
supports the i.MX27 and i.MX37 processor
families.
These functions include a battery charging
system for USB and wall charging, a 10 Bit
ADC with a coulomb counter module for
monitoring battery charge, four adjustable
buck regulators for powering the processor
core and memory, 12 adjustable LDOs with
internal/external pass devices and a boost
regulator for RGB LED drivers.
MC13892 also incorporates power control
logic with processor interfacing and event
detection. A real time clock (RTC) function
is provided, including time and day
counters, as well as an alarm function. This
utilizes a 32 kHz clock, either the RC
oscillator or the 32.768 kHz crystal
oscillator as a time base, and is powered
by the coin cell backup supply.
Support is also provided for an external
secure real time clock (SRTC) which may
be integrated on a companion system
processor IC. MC13892 provides all the
circuitry for a resistive touch screen
interface and supports both SPI and I2C
interface. All of these functions have been
incorporated into a highly integrated mixed
signal IC, bidirectional power
management, I/O, and communications
device.
Performance
Typical Values
Operating Battery Voltage
Up to 4.8 V
Operating Charger Voltage
Up to 5.6 V
Output Voltage Of Buck Regulators
0.6 to 1.375 V @ 1.05 A (SW1) and 0.6 to 1.85 V @ 0.8 A (SW2-4)
Accuracy of the LDOs
+/-3 %
Maximum Charging Current
1.6 A
VBUS Supply Current in OTG Mode
100 mA
ADC Resolution
10 bits
Licell Backup Voltage
3.6 V
Internal Clock Source Frequency
32.768 kHz
Coulomb Counter Precision
381.47
μC
Backlight LED Driver Frequency
256 Hz, 42 mA
RGB LED Driver Frequency
256 Hz, 21 mA
MC13892 Simplified Application Diagram
32.768 kHz
Real Time Clock
SRTC Support
MC13892
BATTERY MANAGEMENT
Single Cell Li-Ion Charging
Wall / USB Charger Input
OV/UV & Short-circuit Protection
Coin Cell Charger
Coulomb Counter
10 BIT ADC CORE
General Purpose
4 BUCK
REGULATORS
Processor Core
Split Power Domains
Memory
I/O
12 LDO
REGULATORS
Peripherals
LED & BACKLIGHT
DRIVERS
Serial LEDs
Main Display
BIAS &
REFERENCES
Trimmed Bandgap
5V BOOST
REGULATOR
USB On The Go
GENERAL
Red Green Blue
POWER
CONTROL LOGIC
State Machine
CONTROL
INTERFACE
SPI / I2C
Supply
Resistive Touch
Screen Interface
I/O &
OSCILLATOR
LED Charging/Fault Indicator
CRYSTAL
PURPOSE
PWM OUTPUTS
Analog, Mixed Signal and Power Management
MC13892
Power Management Integrated Circuit (PMIC) for the i.MX35/51


Podobny numer części - MC13892CJVL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13892CJVL FREESCALE-MC13892CJVL Datasheet
5Mb / 158P
   Power Management Integrated
More results

Podobny opis - MC13892CJVL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC34709 FREESCALE-MC34709 Datasheet
4Mb / 142P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
   14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com