Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4002S Arkusz danych(PDF) 4 Page - Continental Device India Limited

Numer części 1N4002S
Szczegółowy opis  STANDARD RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4002S Arkusz danych(HTML) 4 Page - Continental Device India Limited

  1N4002S Datasheet HTML 1Page - Continental Device India Limited 1N4002S Datasheet HTML 2Page - Continental Device India Limited 1N4002S Datasheet HTML 3Page - Continental Device India Limited 1N4002S Datasheet HTML 4Page - Continental Device India Limited 1N4002S Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1N4001S - 1N4007S
A-405
Axial Lead Plastic
Package
DIM
Min
Max
A
50.0
54.0
1. 300 mm (Min) leader tape on every roll.
B
95.0 105.0
C
5.60
6.50
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
9.50 10.50
3. Ends of leads shall normally not protrude beyond the tapes.
F
1.25
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
1N4001_07Rev020606D
All Dimensions are in
mm
AXIAL TAPE FOR A-405
A-405 52 mm Tape
TAPE SPECIFICATIONS
Continental Device India Limited
Data Sheet
Page 4 of 5


Podobny numer części - 1N4002S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4002S PANJIT-1N4002S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4002S DIOTEC-1N4002S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4002S DIOTECH-1N4002S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4002S TSC-1N4002S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4002S TRSYS-1N4002S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Podobny opis - 1N4002S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com