Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFM10200C-D Arkusz danych(PDF) 1 Page - PACELEADER INDUSTRIAL

Numer części KFM10200C-D
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PACELEADER [PACELEADER INDUSTRIAL]
Strona internetowa  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

KFM10200C-D Arkusz danych(HTML) 1 Page - PACELEADER INDUSTRIAL

  KFM10200C-D Datasheet HTML 1Page - PACELEADER INDUSTRIAL KFM10200C-D Datasheet HTML 2Page - PACELEADER INDUSTRIAL KFM10200C-D Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw
thru
Dimensions in inches and (millimeters)
20C-D
PKFM
200C-D
10 .0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, TO-252 / DPAK
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Weight : Approximated 0.34 gram
AT T =25
A
oC unless otherwise noted)
DPAK
.
0.217(5.50)
0.201(5.10)
0.264(6.70)
0.248(6.30)
0.114(2.90)
0.098(2.50)
0.244(6.20)
0.228(5.80)
0.048(1.20)
0.031(0.80)
0.185(4.70)
0.169(4.30)
0.039(1.00)
0.031(0.80)
0.024(0.60)
0.016(0.40)
0.024(0.60)
0.016(0.40)
0.098(2.50)
0.083(2.10)
0.032(0.80)
0.016(0.40)
PKFM10
10
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" for Halogen-free part, ex
KFM1020C-D-H.
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Storage temperature
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
T
STG
A
A
mA
OC
10.0
100
0.5
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
20
Diode junction capacitance
f=1MHz and applied 4V DC reverse voltage
C
J
pF
380
KFM1020C-D
KFM1030C-D
KFM1040C-D
20
30
40
14
21
28
20
30
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I = 5.0A
F
V
F
(V)
*4
0.55
KFM10100C-D
KFM10150C-D
KFM10200C-D
100
150
200
70
105
140
100
150
200
KFM1050C-D
KFM1060C-D
KFM1080C-D
50
60
80
35
42
56
50
60
80
0.70
0.85
0.92
O
( C)
Operating
temperature
T ,
J
-55 to +150
KFM1045C-D
45
31.5
45
0.90
. P
P
P
P
P
P
P
P
P
P
P


Podobny numer części - KFM10200C-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KFM110 KEC-KFM110 Datasheet
67Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THR IF CIRCUITS OF CORDLESS PHONE)
logo
Samsung semiconductor
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1216Q2M-DEB SAMSUNG-KFM1216Q2M-DEB Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1216Q2M-DED SAMSUNG-KFM1216Q2M-DED Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1G16Q2M SAMSUNG-KFM1G16Q2M Datasheet
1Mb / 124P
   MuxOneNAND FLASH MEMORY
More results

Podobny opis - KFM10200C-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com