Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV132A Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74LV132A
Szczegółowy opis  QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV132A Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74LV132A Datasheet HTML 1Page - Diodes Incorporated 74LV132A Datasheet HTML 2Page - Diodes Incorporated 74LV132A Datasheet HTML 3Page - Diodes Incorporated 74LV132A Datasheet HTML 4Page - Diodes Incorporated 74LV132A Datasheet HTML 5Page - Diodes Incorporated 74LV132A Datasheet HTML 6Page - Diodes Incorporated 74LV132A Datasheet HTML 7Page - Diodes Incorporated 74LV132A Datasheet HTML 8Page - Diodes Incorporated 74LV132A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LV132A
Document number: DS35706 Rev. 1 - 2
4 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV132A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40 to +85°C
-40 to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL=15pF
2.5V ± 0.2V
7.9
16.5
1
18.5
1
18.5
ns
3.3V ± 0.3V
5.6
11.9
1
14
1
14
5.0V ± 0.5V
3.9
7.7
1
9
1
9
Figure 1
CL=50 pF
2.5V ± 0.2V
10.8
20.2
1
23
1
23
ns
3.3V ± 0.3V
7.6
15.4
1
17.5
1
17.5
5.0V ± 0.5V
5.3
9.7
1
11
1
11
Operating Characteristics
TA = +25°C
Parameter
Test
Conditions
VCC
TYP
Unit
Cpd
Power Dissipation
Capacitance per Gate
F= 10 MHz
CL=50pF
3.3V
7.5
pF
5.0V
11.2
Noise Characteristics
VCC =3V, CL=50pF, TA = +25°C
Symbol
Parameter
Min
Typ.
Max
Unit
VOL(p)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.1
-0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.1
V
VIH(D)
High Level dynamic input voltage
2.31
V
VIL(D)
Low Level dynamic input voltage
0.99
V
Package Characteristics
Symbol
Parameter
Test Conditions
Vcc
Min
Typ.
Max
Unit
Ci
Input Capacitance
Vi = VCC – or GND
2.0 to 5.5V
3.3
10
pF


Podobny numer części - 74LV132A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132 Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132 NXP-74LV132 Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
74LV132 NXP-74LV132 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
More results

Podobny opis - 74LV132A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V02 Datasheet
1Mb / 24P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI1-SN74HCS00_V01 Datasheet
1,001Kb / 22P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com