Zakładka z wyszukiwarką danych komponentów |
|
74LV132AT14 Arkusz danych(PDF) 3 Page - Diodes Incorporated |
|
74LV132AT14 Arkusz danych(HTML) 3 Page - Diodes Incorporated |
3 / 9 page 74LV132A Document number: DS35706 Rev. 1 - 2 3 of 9 www.diodes.com October 2013 © Diodes Incorporated 74LV132A Recommended Operating Conditions (Note 5) Symbol Parameter Conditions Min Max Unit VCC Supply Voltage – 2.0 5.5 V VI Input Voltage – 0 5.5 V VO Output Voltage – 0 VCC V IOH High-Level Output Current 2.0V – -50 mA 2.3V to 2.7V – -2 μA 3.0V to 3.6V – -6 mA 4.5V to 5.5V – -12 mA IOL Low-Level Output Current 2.0V – 50 μA 2.3V to 2.7V – 2 mA 3.0V to 3.6V – 6 mA 4.5V to 5.5V – 12 mA TA Operating Free-Air Temperature – -40 +125 °C Note: 5. Unused inputs should be held at Vcc or Ground. Electrical Characteristics Symbol Parameter Test Conditions VCC TA = -40 to +85°C TA = -40 to +125°C Unit Min Max Min Max VT+ Positive Going Threshold – 2.5 V 1 1.75 1 1.75 V – 3.3 V 1.31 2.31 1.31 2.31 – 5.0 V 1.95 3.5 1.95 3.5 VT- Negative Going Threshold – 2.5 V 0.75 1.5 0.75 1.5 – – 3.3 V 0.99 2.07 0.99 2.07 – 5.0 V 1.5 3.05 1.5 3.05 VH Hysteresis (VT+ - VT-) – 2.5 V 0.25 1 0.25 1 V – 3.3 V 0.33 1.32 0.33 1.32 – 5.0 V 0.5 2 0.5 2 VOH High-Level Output Voltage IOH = -50μA 2.0V to 5.5V VCC-0.1 – VCC-0.1 – V IOH = -2mA 2.3V 2.0 – 2.0 – IOH = -6mA 3.0V 2.48 – 2.48 – IOH = -12mA 4.5V 3.8 – 3.8 – VOL Low-Level Output Voltage IOL = 50μA 2.0V to 5.5V – 0.1 – 0.1 V IOL = 2mA 2.3V – 0.4 – 0.4 IOL = 6mA 3.0V – 0.44 – 0.44 IOL = 12mA 4.5V – 0.55 – 0.55 IOFF Power Down Leakage Current VI or VO = 0 to 5.5V 0V – 5 – 5 μA II Input Current VI =GND or 5.5V 0 to 5.5V – ±1 – ±1 μA ICC Supply Current VI = GND or VCC IO=0 5.5V – 20 – 20 μA |
Podobny numer części - 74LV132AT14 |
|
Podobny opis - 74LV132AT14 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |