Zakładka z wyszukiwarką danych komponentów |
|
74LV07A Arkusz danych(PDF) 1 Page - Diodes Incorporated |
|
74LV07A Arkusz danych(HTML) 1 Page - Diodes Incorporated |
1 / 9 page 74LV04 Document number: DS35657 Rev. 1 - 2 1 of 9 www.diodes.com October 2013 © Diodes Incorporated 74LV07A HEX BUFFERS WITH OPEN DRAIN OUTPUTS Description The 74LV07A provides provides six independent buffers with open drain outputs. The device is designed for operation with a power supply range of 2.0V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The gates perform the Boolean function: A Y Features Wide Supply Voltage Range from 2.0V to 5.5V Sinks 12mA at VCC = 4.5V CMOS low power consumption IOFF Supports Partial -Power Down Operation Inputs or Outputs accept up to 5.5V Inputs can be driven by 3.3V or 5V allowing for voltage translation applications. Schmitt Trigger Action at All Inputs ESD Protection Tested per JESD 22 Exceeds 200-V Machine Model (A115) Exceeds 2000-V Human Body Model (A114) Exceeds 1000-V Charged Device Model (C101) Latch-Up Exceeds 100mA per JESD 78, Class I Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Pin Assignments Applications General Purpose Logic Power Down Signal Isolation Wide array of products such as: PCs, networking, notebooks, ultrabooks, netbooks Computer peripherals, hard drives, CD/DVD ROM TV, DVD, DVR, set top box Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. Click for Ordering Information |
Podobny numer części - 74LV07A |
|
Podobny opis - 74LV07A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |