Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV07A Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części 74LV07A
Szczegółowy opis  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV07A Arkusz danych(HTML) 2 Page - Diodes Incorporated

  74LV07A Datasheet HTML 1Page - Diodes Incorporated 74LV07A Datasheet HTML 2Page - Diodes Incorporated 74LV07A Datasheet HTML 3Page - Diodes Incorporated 74LV07A Datasheet HTML 4Page - Diodes Incorporated 74LV07A Datasheet HTML 5Page - Diodes Incorporated 74LV07A Datasheet HTML 6Page - Diodes Incorporated 74LV07A Datasheet HTML 7Page - Diodes Incorporated 74LV07A Datasheet HTML 8Page - Diodes Incorporated 74LV07A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LV04
Document number: DS35657 Rev. 1 - 2
2 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV07A
Pin Descriptions
Pin Number
Pin Name
Description
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
Vcc
Supply Voltage
Function Table
Input
Output
A
Y
H
Z
L
L
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 4)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < 0V
-20
mA
IOK
Output Clamp Current
VO < 0V
-50
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
- 25
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.


Podobny numer części - 74LV07A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV07A TI-74LV07A Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LV07A NEXPERIA-74LV07A Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07APW NEXPERIA-74LV07APW Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07ATPW NEXPERIA-74LV07ATPW Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results

Podobny opis - 74LV07A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
   HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com