Zakładka z wyszukiwarką danych komponentów |
|
74LV07A Arkusz danych(PDF) 4 Page - Diodes Incorporated |
|
74LV07A Arkusz danych(HTML) 4 Page - Diodes Incorporated |
4 / 9 page 74LV04 Document number: DS35657 Rev. 1 - 2 4 of 9 www.diodes.com October 2013 © Diodes Incorporated 74LV07A Switching Characteristics VCC = 2.5V ± 0.2V Symbol Parameter Test Conditions TA = +25°C -40°C to +85°C -40°C to +125°C Unit Min Typ Max Min Max Min Max tPLZ Propagation Delay AN to YN Figure 1 CL = 15pF — 6.6 10.4 1 13 1 13 ns tPZL — 7.5 10.4 1 13 1 13 tPLZ Figure 1 CL = 50pF — 11.1 15.2 1 18 1 18 ns tPZL — 9.6 15.2 1 18 1 18 VCC = 3.3V ± 03 V Symbol Parameter Test Conditions TA = +25°C -40°C to +85°C -40°C to +125°C Unit Min Typ Max Min Max Min Max tPLZ Propagation Delay AN to YN Figure 1 CL = 15pF — 5 7.1 1 8.5 1 8.5 ns tPZL — 5 7.1 1 8.5 1 8.5 tPLZ Figure 1 CL = 50pF — 8.2 10.6 1 12 1 12 ns tPZL — 6.6 10.6 1 12 1 12 VCC = 5.0V ± 0.5V Symbol Parameter Test Conditions TA = +25°C -40°C to +85°C -40°C to +125°C Unit Min Typ Max Min Max Min Max tPLZ Propagation Delay AN to YN Figure 1 CL = 15pF — 3.8 5.5 1 6.5 1 6.5 ns tPZL — 3.4 5.5 1 6.5 1 6.5 tPLZ Figure 1 CL = 50 pF — 5.7 7.5 1 8.5 1 8.5 ns tPZL — 4.5 7.5 1 8.5 1 8.5 Operating Characteristics TA = +25°C Parameter Test Conditions VCC Typ Unit Cpd Power Dissipation Capacitance per Gate f = 10MHz CL = 50pF 3.3V 2.9 pF 5.0V 5.3 Noise Characteristics VCC = 3V, CL = 50pF, TA = +25°C Symbol Parameter Min Typ Max Unit VOL(p) Quiet output, maximum dynamic VOL — 0.2 0.8 V VOL(V) Quiet output, minimum dynamic VOL — -0.1 -0.8 V VOH(V) Quiet output, minimum dynamic VOH — 3.1 — V VIH(D) High Level dynamic input voltage 2.31 — — V VIL(D) Low Level dynamic input voltage — — 0.99 V Package Characteristics Symbol Parameter Test Conditions VCC Min Typ Max Unit Ci Input Capacitance Vi = VCC – or GND 2.0 to 5.5V — 3.3 10 pF |
Podobny numer części - 74LV07A |
|
Podobny opis - 74LV07A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |