Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV06A Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części 74LV06A
Szczegółowy opis  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV06A Arkusz danych(HTML) 2 Page - Diodes Incorporated

  74LV06A Datasheet HTML 1Page - Diodes Incorporated 74LV06A Datasheet HTML 2Page - Diodes Incorporated 74LV06A Datasheet HTML 3Page - Diodes Incorporated 74LV06A Datasheet HTML 4Page - Diodes Incorporated 74LV06A Datasheet HTML 5Page - Diodes Incorporated 74LV06A Datasheet HTML 6Page - Diodes Incorporated 74LV06A Datasheet HTML 7Page - Diodes Incorporated 74LV06A Datasheet HTML 8Page - Diodes Incorporated 74LV06A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LV06A
Document number: DS35660 Rev. 1 - 2
2 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV06A
Pin Descriptions
Pin Number
Pin Name
Description
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
Vcc
Supply Voltage
Function Table
Input
Output
A
Y
H
L
L
Z
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range note 4
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < 0V
-20
mA
IOK
Output Clamp Current
VO < -0V
-50
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
- 25
mA
ICC
Continuous Current Through Vcc
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.


Podobny numer części - 74LV06A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

Podobny opis - 74LV06A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com