Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV07AT14-13 Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części 74LV07AT14-13
Szczegółowy opis  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV07AT14-13 Arkusz danych(HTML) 3 Page - Diodes Incorporated

  74LV07AT14-13 Datasheet HTML 1Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 2Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 3Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 4Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 5Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 6Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 7Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 8Page - Diodes Incorporated 74LV07AT14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74LV04
Document number: DS35657 Rev. 1 - 2
3 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV07A
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
5.5
V
IOL
Low-Level Output Current
2.0V
50
μA
2.3V to 2.7V
2
mA
3.0V to 3.6V
6
mA
4.5V to 5.5V
12
mA
Δt/ΔV
Input Transition Rise or Fall Rate
2.3V to 2.7V
200
ns/V
3.0V to 3.6V
100
4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
2.0V
1.5
1.5
V
2.3V to 2.7V
VCC X 0.7
VCC X 0.7
3.0V to 3.6V
VCC X 0.7
VCC X 0.7
4.5V to 5.5V
VCC X 0.7
VCC X 0.7
VIL
Low-Level Input
Voltage
2.0V
0.5
0.5
V
2.3V to 2.7V
VCC X 0.3
VCC X 0.3
3.0V to 3.6V
VCC X 0.3
VCC X 0.3
4.5V to 5.5V
VCC X 0.3
VCC X 0.3
VOL
Low-Level Output
Voltage
IOL = 50μA
2.0V to 5.5V
0.1
0.1
V
IOL = 2mA
2.3V
0.4
0.4
IOL = 6mA
3.0V
0.44
0.44
IOL = 12mA
4.5V
0.55
0.55
IOFF
Power Down Leakage
Current
VI or VO = 0 to 5.5V
0V
5
5
μA
II
Input Current
VI =GND or 5.5V
0 to 5.5V
±1
±1
μA
ICC
Supply Current
VI = GND or VCC
IO=0
5.5V
20
20
μA


Podobny numer części - 74LV07AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07ATPW NEXPERIA-74LV07ATPW Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results

Podobny opis - 74LV07AT14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC07A UTC-U74LVC07A_15 Datasheet
204Kb / 5P
   HEX BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com