Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV05A Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części 74LV05A
Szczegółowy opis  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV05A Arkusz danych(HTML) 3 Page - Diodes Incorporated

  74LV05A Datasheet HTML 1Page - Diodes Incorporated 74LV05A Datasheet HTML 2Page - Diodes Incorporated 74LV05A Datasheet HTML 3Page - Diodes Incorporated 74LV05A Datasheet HTML 4Page - Diodes Incorporated 74LV05A Datasheet HTML 5Page - Diodes Incorporated 74LV05A Datasheet HTML 6Page - Diodes Incorporated 74LV05A Datasheet HTML 7Page - Diodes Incorporated 74LV05A Datasheet HTML 8Page - Diodes Incorporated 74LV05A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74LV05A
Document number: DS35659 Rev. 1 - 2
3 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV05A
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
5.5
V
IOL
Low-Level Output Current
2.0V
50
μA
2.3V to 2.7V
2
mA
3.0V to 3.6V
6
mA
4.5V to 5.5V
12
mA
Δt/ΔV
Input Transition Rise or Fall
Rate
2.3V to 2.7V
200
ns/V
3.0V to 3.6V
100
4.5V to 5.5V
20
TA
Operating Free-Air
Temperature
-40
+125
°C
Note: 5. Unused inputs should be held at Vcc or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
2.0V
1.5
1.5
V
2.3V to 2.7V
VCC X 0.7
VCC X 0.7
3.0V to 3.6V
VCC X 0.7
VCC X 0.7
4.5V to 5.5V
VCC X 0.7
VCC X 0.7
VIL
Low-Level Input
Voltage
2.0V
0.5
0.5
V
2.3V to 2.7V
VCC X 0.3
VCC X 0.3
3.0V to 3.6V
VCC X 0.3
VCC X 0.3
4.5V to 5.5V
VCC X 0.3
VCC X 0.3
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V to 5.5V
0.1
0.1
V
IOL = 2mA
2.3V
0.4
0.4
IOL = 6mA
3.0V
0.44
0.44
IOL = 12mA
4.5V
0.55
0.55
IOFF
Power Down
Leakage Current VI or VO = 0 to 5.5V
0V
5
5
μA
II
Input Current
VI =GND or 5.5V
0 to 5.5V
±1
±1
μA
ICC
Supply Current
VI = GND or VCC
IO=0
5.5V
20
20
μA


Podobny numer części - 74LV05A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV05A NEXPERIA-74LV05A Datasheet
729Kb / 12P
   Hex inverter with open-drain outputs
Rev. 1 - 19 December 2016
74LV05APW NEXPERIA-74LV05APW Datasheet
729Kb / 12P
   Hex inverter with open-drain outputs
Rev. 1 - 19 December 2016
More results

Podobny opis - 74LV05A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com