Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV04A Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części 74LV04A
Szczegółowy opis  HEX INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV04A Arkusz danych(HTML) 2 Page - Diodes Incorporated

  74LV04A Datasheet HTML 1Page - Diodes Incorporated 74LV04A Datasheet HTML 2Page - Diodes Incorporated 74LV04A Datasheet HTML 3Page - Diodes Incorporated 74LV04A Datasheet HTML 4Page - Diodes Incorporated 74LV04A Datasheet HTML 5Page - Diodes Incorporated 74LV04A Datasheet HTML 6Page - Diodes Incorporated 74LV04A Datasheet HTML 7Page - Diodes Incorporated 74LV04A Datasheet HTML 8Page - Diodes Incorporated 74LV04A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LV04A
Document number: DS35658 Rev. 1 - 2
2 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV04A
Pin Descriptions
Pin Number Pin Name
Description
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
Vcc
Supply Voltage
Logic Diagram
Function Table
Input
Output
A
Y
H
L
L
H
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 4)
-0.5 to +7.0
V
IIK
Input Clamp Current VI< 0V
-20
mA
IOK
Output Clamp Current VO<-0V
-50
mA
IO
Continuous Output Current - 0.5V < VO Vcc + 0.5V
±25
mA
ICC
Continuous Current Through Vcc
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.


Podobny numer części - 74LV04A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV04A TI-74LV04A Datasheet
702Kb / 16P
[Old version datasheet]   HEX INVERTERS
logo
Nexperia B.V. All right...
74LV04AT NEXPERIA-74LV04AT Datasheet
172Kb / 12P
   Hex inverter
74LV04ATPW NEXPERIA-74LV04ATPW Datasheet
172Kb / 12P
   Hex inverter
More results

Podobny opis - 74LV04A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com