Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV04AS14 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74LV04AS14
Szczegółowy opis  HEX INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV04AS14 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74LV04AS14 Datasheet HTML 1Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 2Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 3Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 4Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 5Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 6Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 7Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 8Page - Diodes Incorporated 74LV04AS14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LV04A
Document number: DS35658 Rev. 1 - 2
4 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV04A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85 °C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
2.5V ± 0.2V
7.1
11.7
1
14
1
14
ns
3.3V ± 0.3V
5.1
7.1
1
8.5
1
8.5
5.0V ± 0.5V
3.6
5.5
1
6.5
1
6.5
Figure 1
CL = 50 pF
2.5V ± 0.2V
10
15.5
1
18
1
18
ns
3.3V ± 0.3V
7.3
10.6
1
12
1
12
5.0V ± 0.5V
5.1
7.5
1
8.5
1
8.5
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter 
Test
Conditions
VCC
Typ
Unit
Cpd
Power Dissipation
Capacitance per Gate
F = 10 MHz
CL = 50pF
3.3V
9.6
pF
5.0V
11.4
Noise Characteristics
VCC = 3V, CL = 50pF TA = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
VOL(p)
Quiet output, maximum dynamic VOL
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
-0.1
-0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.1
V
VIH(D)
High Level dynamic input voltage
2.31
V
VIL(D)
Low Level dynamic input voltage
0.99
V
Package Characterisitics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
Ci
Input Capacitance
Vi = VCC – or GND
2.0 to 5.5V
3.3
10
pF


Podobny numer części - 74LV04AS14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV04A TI-74LV04A Datasheet
702Kb / 16P
[Old version datasheet]   HEX INVERTERS
logo
Nexperia B.V. All right...
74LV04AT NEXPERIA-74LV04AT Datasheet
172Kb / 12P
   Hex inverter
74LV04ATPW NEXPERIA-74LV04ATPW Datasheet
172Kb / 12P
   Hex inverter
More results

Podobny opis - 74LV04AS14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com