Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC126T14-13 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74HC126T14-13
Szczegółowy opis  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC126T14-13 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74HC126T14-13 Datasheet HTML 1Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 2Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 3Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 4Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 5Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 6Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 7Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 8Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74HC126
Document number: DS35327 Rev. 3 - 2
4 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC126
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Low-level input voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
VOH
High-level Output Voltage
IOH = -20μA
2.0V
1.9
1.9
V
IOH = -20μA
4.5V
4.4
4.4
IOH = -20μA
6.0V
5.9
5.9
IOH = -4.0mA
4.5V
3.84
3.7
IOH = -5.2mA
6.0V
5.34
5.2
VOL
Low-level Output Voltage
IOL = 20μA
2.0V
0.1
0.1
V
IOL = 20μA
4.5V
0.1
0.1
IOL = 20μA
6.0V
0.1
0.1
IOL = 4mA
4.5V
0.33
0.44
IOL = 5.2mA
6.0V
0.33
0.44
IOZ
Z State Leakage Current
VO = 0 to 6.0V
VI = GND or 6.0V
6.0V
± 5.0
± 10
μA
II
Input Current
VI = GND to 5.5V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC, IO=0
6.0V
20
40
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50pF
2.0V
30
100
125
150
ns
4.5V
11
20
25
30
6.0V
9
17
21
26
tEN
Enable Time
OEN to YN
Figure 1
CL = 50pF
2.0V
41
125
155
190
ns
4.5V
15
25
31
38
6.0V
12
21
26
32
tDIS
Disable Time
OEN to YN
Figure 1
CL = 50pF
2.0V
41
125
155
190
ns
4.5V
15
25
31
38
6.0V
12
21
26
32
tt
Transition Time
Figure 1
CL = 50pF
2.0V
14
60
75
90
ns
4.5V
5
12
15
18
6.0V
4
10
13
15
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
22
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF


Podobny numer części - 74HC126T14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC126 NEXPERIA-74HC126 Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
74HC126-Q100 NEXPERIA-74HC126-Q100 Datasheet
702Kb / 15P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74HC126D PHILIPS-74HC126D Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC126D TOSHIBA-74HC126D Datasheet
197Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
More results

Podobny opis - 74HC126T14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com