Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC08T14-13 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74HC08T14-13
Szczegółowy opis  QUADRUPLE 2-INPUT AND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC08T14-13 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74HC08T14-13 Datasheet HTML 1Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 2Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 3Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 4Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 5Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 6Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 7Page - Diodes Incorporated 74HC08T14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HC08
Document number: DS35322 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HC08
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Low-level Input Voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
VOH
High-level Output Voltage
IOH = -20μA
2.0V
1.9
1.9
V
IOH = -20μA
4.5V
4.4
4.4
IOH = -20μA
6.0V
5.9
5.9
IOH = -4.0mA
4.5V
3.84
3.7
IOH = -5.2mA
6.0V
5.34
5.2
VOL
Low-level Output Voltage
IOL = 20μA
2.0V
0.1
0.1
V
IOL = 20μA
4.5V
0.1
0.1
IOL = 20μA
6.0V
0.1
0.1
IOL = 4mA
4.5V
0.33
0.44
IOL = 5.2 mA
6.0V
0.33
0.44
II
Input Current
VI =GND to 5.5V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC,
IO = 0
6.0V
20
40
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
Vcc
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50pF
2.0V
25
90
115
125
ns
4.5V
9
18
23
27
6.0V
7
15
20
23
tt
Transition Time
Figure 1
CL = 50pF
2.0V
19
75
95
110
ns
4.5V
7
15
19
22
6.0V
6
13
16
19
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
20
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF


Podobny numer części - 74HC08T14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC08 PHILIPS-74HC08 Datasheet
33Kb / 5P
   Quad 2-input AND gate
2003 Jul 25
74HC08 PHILIPS-74HC08 Datasheet
109Kb / 20P
   Quad 2-input AND gate
2003 Jul 25
logo
ON Semiconductor
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC08 PHILIPS-74HC08 Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
Silicon Supplies
74HC08 SS-74HC08 Datasheet
590Kb / 5P
   High Speed CMOS Logic
More results

Podobny opis - 74HC08T14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
74AHC08 DIODES-74AHC08 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com