Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT32S14-13 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74AHCT32S14-13
Szczegółowy opis  QUADRUPLE 2-INPUT OR GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT32S14-13 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74AHCT32S14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT32S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCT32
Document number: DS35353 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCT32
Parameter Measurement Information
VCC
Inputs
VM
Inputs
VM
Outputs
CL
VI
tr/tf
4.5V to 5.5V
3.0V
3ns
1.5V
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Podobny numer części - 74AHCT32S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT32 PHILIPS-74AHCT32 Datasheet
74Kb / 16P
   Quad 2-input OR gate
1999 Sep 27
74AHCT32 NXP-74AHCT32 Datasheet
93Kb / 14P
   Quad 2-input OR gate
Rev. 04-22 May 2008
logo
Nexperia B.V. All right...
74AHCT32 NEXPERIA-74AHCT32 Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
74AHCT32-Q100 NEXPERIA-74AHCT32-Q100 Datasheet
705Kb / 15P
   Quad 2-input OR gate
74AHCT32BQ NEXPERIA-74AHCT32BQ Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
More results

Podobny opis - 74AHCT32S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LVC32A DIODES-74LVC32A Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
logo
Texas Instruments
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74HCT86 DIODES-74HCT86 Datasheet
281Kb / 8P
   QUADRUPLE 2-INPUT EXCULSIVE OR GATES
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com