Zakładka z wyszukiwarką danych komponentów |
|
W-KN-14G Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
W-KN-14G Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page MINIATURE SWITCHES Litho in U.S.A GG 15 Pushbutton Switches — Panelmount Maintained and Momentary Action (SPDT) Termination Options C Printed Circuit W Wire-Wrap W1 Wire-Wrap W3 Wire-Wrap W4 Wire-Wrap Z Standard Z3 Quick Connect Mating Receptacle from AMP SPECIAL IND., P.O. Box 984, Paoli, Pa. 19301 Amp P/N single piece 61454 series, strip from 60900 NOTE: Wire-Wrap is a registered trademark of the Gardner-Denver Company. APPROXIMATE DIMENSIONS PB, PBS, PBW SWITCHES w/”A” TYPE RIGHT ANGLE P.C. TERMINALS DIM. PB-123 PB-126 “A” .561 .514 “B” .108.098 P.C. Mounting EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS PB, PBS, PBW SWITCHES w/ “AV” (.100” TERMINAL SPACING) OR “AV2” (.150” TERMINAL SPACING) TYPE VERTICAL P.C. TERMINALS DIM. PB-123 PB-126 “A” .561 .514 “B” .108.098 EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS AV2 AV P.C. Mounting |
Podobny numer części - W-KN-14G |
|
Podobny opis - W-KN-14G |