Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G081PU1750M Arkusz danych(PDF) 4 Page - Roithner LaserTechnik GmbH

Numer części G081PU1750M
Szczegółowy opis  High Power Fiber Coupled Infrared Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU1750M Arkusz danych(HTML) 4 Page - Roithner LaserTechnik GmbH

  G081PU1750M Datasheet HTML 1Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
09.08.2010
g081pu1750m.doc
4 of 4
Notes
1. Laser beam is harmful especially for your eyes. Don't look at the laser beam directly.
2. Lifetime of the diode laser variated with the operating temperature inversely. We advise
that the TEC cooler should be used to keep the temperature suitable.
3. For turning on the diode laser, please increase the current gradually to the specified
operating value. For shutting down the diode laser, please decrease the current to zero
gradually, and then turn off the power.
4. Please wear staticproof bracelet when operating.
5. Please connect the pins of the diode laser correctly as the picture showen in the manual.
6. The operating current must less than the rated current. Otherelse the diode laser should
be damaged.
7. The fiber facet should be keep clean befor the diode laser is operating.
8. Please use the constant-current source to avoid the surge.
9. Diode laser should be short circuit when stop using.
10. Bend diameter of the fiber must be larger than 4cm temporarily and 8cm permanently.


Podobny numer części - G081PU1750M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
802Kb / 10P
   Laser Diode Module
More results

Podobny opis - G081PU1750M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU1750M ROITHNER-G098PU1750M Datasheet
240Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU1600M ROITHNER-G098PU1600M Datasheet
240Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU312W ROITHNER-G098PU312W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU25W ROITHNER-G081PU25W Datasheet
203Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
GO81PU11500M ROITHNER-GO81PU11500M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU11500M ROITHNER-G081PU11500M Datasheet
236Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU314W ROITHNER-G081PU314W Datasheet
209Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com