Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1215MTDX Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FIN1215MTDX
Szczegółowy opis  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN1215MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
8
Transmitter AC Electrical Characteristics
Typical values are at over supply voltages and operating temperatures ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tTCP
Transmit Clock Period
Figure 10
11.76
T
50.00
ns
tTCH
Transmit Clock (TxCLKIn) HIGH Time
0.35
0.50
0.65
T
tTCL
Transmit Clock LOW Time
0.35
0.50
0.65
T
tCLKT
TxCLKIn Transition Time (Rising and
Falling)
10% to 90%
Figure 11
1.0
6.0
ns
tJIT
TxCLKIn Cycle-to-Cycle Jitter
3.0
ns
tXIT
TxIn Transition Time
1.5
6.0
ns
LVDS Transmitter Timing Characteristics
tTLH
Differential Output Rise Time (20% to 80%)
Figure 8
0.75
1.50
ns
tTHL
Differential Output Fall Time (80% to 20%)
0.75
1.50
ns
tSTC
TxIn Setup to TxCLNIn
Figure 10
f=85MHz FIN1217
only
2.5
ns
tHTC
TxIn Holds to TCLKIn
0
ns
tTPDD
Transmitter Power-Down Delay
Figure 17
(11)
100
ns
tTCCD
Transmitter Clock Input to Clock Output
Delay
Figure 13
TA=25°C, VCC=3.3V
2.8
5.5
6.8
ns
Transmitter Output Data Jitter (f=40 MHz)
(12)
tTPPB0
Transmitter Output Pulse Position of Bit 0
Figure 20
7
f
1
a
×
=
-0.25
0
0.25
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a-0.25
a
a+0.25
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
2a-0.25
2a
2a+0.25
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
3a-0.25
3a
3a+0.25
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a-0.25
4a
4a+0.25
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a-0.25
5a
5a+0.25
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a-0.25
6a
6a+0.25
ns
Transmitter Output Data Jitter (f=65 MHz)
(12)
tTPPB0
Transmitter Output Pulse Position of Bit 0
Figure 20
7
f
1
a
×
=
-0.2
0
0.2
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a-0.2
a
a+0.2
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
2a-0.2
2a
2a+0.2
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
3a-0.2
3a
3a+0.2
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a-0.2
4a
4a+0.2
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a-0.2
5a
5a+0.2
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a-0.2
6a
6a+0.2
ns
Continued on following page…


Podobny numer części - FIN1215MTDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTDX_NL FAIRCHILD-FIN1215MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

Podobny opis - FIN1215MTDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com