Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD504-00 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części AD504-00
Szczegółowy opis  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

AD504-00 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD504-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD504-00 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Appendix
- 139 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
The following table provides a cross-reference from marking code to part number:
Code
NVE Part Number
Code
NVE Part Number
BBB
AD021-00
FFD
DB001-00
BBC
AD022-00
GBB
AD321-00
BBD
AD023-00
GBC
AD322-00
BBF
AD024-00
GBD
AD323-00
BBG
AD005-00
GBF
AD324-00
BBH
AD004-00
GBG
AD305-00
BBJ
AD006-00
GBH
AD304-00
BBK
AD020-00
GBJ
AD306-00
BBL
AD024-10
GBK
AD320-00
BBP
AAV001-11
HBB
AD421-00
BBQ
AAV002-11
HBC
AD422-00
BDB
AD081-00
HBD
AD423-00
BDC
AD082-00
HBF
AD424-00
BDD
AD083-00
HBG
AD405-00
BDF
AD084-00
HBH
AD404-00
CBC
AA006-00
HBJ
AD406-00
CBD
AA004-00
HBK
AD420-00
CBF
AAH004-00
JBB
AD521-00
CBG
AB001-00
JBC
AD522-00
CBH
ABH001-00
JBD
AD523-00
DBB
AD121-00
JBF
AD524-00
DBC
AD122-00
JBG
AD505-00
DBD
AD123-00
JBH
AD504-00
DBF
AD124-00
JBJ
AD506-00
DBG
AD105-00
JBK
AD520-00
DBH
AD104-00
KBB
AD621-00
DBJ
AD106-00
KBC
AD622-00
DBK
AD120-00
KBD
AD623-00
FBB
AD221-00
KBF
AD624-00
FBC
AD222-00
KBG
AD605-00
FBD
AD223-00
KBH
AD604-00
FBF
AD224-00
KBJ
AD606-00
FBG
AD205-00
KBK
AD620-00
FBH
AD204-00
AD721-00
LBB
FBJ
AD206-00
LBC
AD722-00
FBK
AD220-00
LBD
AD723-00
FDB
ABL004-00
LBF
AD724-00
FDC
ABL005-00
LBG
AD705-00
FDD
ABL014-00
AD704-00
LBH
FDF
ABL015-00
LBJ
AD706-00
FDG
ABL004-10
LBK
AD720-00
FDH
ABL005-10
MBB
AD821-00
FDJ
ABL014-10
MBC
AD822-00
FDK
ABL015-10
MBD
AD823-00
FDL
ABL006-00
MBF
AD824-00
FDM
ABL016-00
MBL
ADH025-00
FDN
ABL006-10
NBB
AD921-00
FDP
ABL016-10
NBC
AD922-00
FFB
DC001-10
AD923-00
NBD
FFC
DC002-10
NBF
AD924-00
ZBF
BD012-00


Podobny numer części - AD504-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5040 AD-AD5040 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5040 AD-AD5040 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results

Podobny opis - AD504-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com