Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPSC8H065D Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STPSC8H065D
Szczegółowy opis  650 V power Schottky silicon carbide diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8H065D Arkusz danych(HTML) 1 Page - STMicroelectronics

  STPSC8H065D Datasheet HTML 1Page - STMicroelectronics STPSC8H065D Datasheet HTML 2Page - STMicroelectronics STPSC8H065D Datasheet HTML 3Page - STMicroelectronics STPSC8H065D Datasheet HTML 4Page - STMicroelectronics STPSC8H065D Datasheet HTML 5Page - STMicroelectronics STPSC8H065D Datasheet HTML 6Page - STMicroelectronics STPSC8H065D Datasheet HTML 7Page - STMicroelectronics STPSC8H065D Datasheet HTML 8Page - STMicroelectronics STPSC8H065D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
January 2014
DocID023603 Rev 4
1/14
STPSC8H065
650 V power Schottky silicon carbide diode
Datasheet
production data
Features
• No reverse recovery charge in application
current range
• Switching behavior independent of
temperature
• High forward surge capability
• Insulated package TO-220AC Ins:
– Insulated voltage: 2500 V rms
– Typical package capacitance: 7 pF
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band gap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC applications, this
ST SiC diode will boost the performance in hard
switching conditions. Its high forward surge
capability ensures a good robustness during
transient phases.
K
K
A
K
K
A
A
NC
NC
K
A
K
A
TO-220AC
STPSC H065D
8
TO-220AC Ins
STPSC H065D
8I
DPAK
STPSC H065B-TR
8
DPAK
2
STPSC H065 -TR
8G
Table 1. Device summary
Symbol
Value
IF(AV)
8 A
VRRM
650 V
Tj (max)
175 °C
www.st.com


Podobny numer części - STPSC8H065D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
More results

Podobny opis - STPSC8H065D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021 Rev 2
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
   650 V power Schottky silicon carbide diode
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
   650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com