Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS28-L Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części SS28-L
Szczegółowy opis  2 Amp Schottky Rectifier 20 to 150 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS28-L Arkusz danych(HTML) 3 Page - Micro Commercial Components

  SS28-L Datasheet HTML 1Page - Micro Commercial Components SS28-L Datasheet HTML 2Page - Micro Commercial Components SS28-L Datasheet HTML 3Page - Micro Commercial Components SS28-L Datasheet HTML 4Page - Micro Commercial Components SS28-L Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS23-L thru SS210-L
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
.8
1.0
2.0
4.0
6.0
8.0
10
20
40
60
80
100
25
°C
Volts
Amps
Figure 2
Typical Reverse Characteristics
0
4
8
121620
2428
32
3640
.001
.01
.1
1
10
100
25
°C
Typical Reverse Current - mA
versus
Reverse Voltage - Volts
mA
Volts
125
°C
Figure 3
Typical Junction Capacitance
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
10
20
40
60
100
200
400
600
1000
75
°C
125
°C
SS23
SS24
Revision: A
2011/01/01
3 of 5
MCC
TM
Micro Commercial Components
www.mccsemi.com


Podobny numer części - SS28-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SS28-L MCC-SS28-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS28-L MCC-SS28-L Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS28-L MCC-SS28-L Datasheet
266Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
logo
Frontier Electronics.
SS28-LFR FRONTIER-SS28-LFR Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SS28-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SR2150 MCC-SR2150 Datasheet
182Kb / 3P
   2 Amp Schottky Barrier Rectifier 150 Volts
SK22-L MCC-SK22-L Datasheet
358Kb / 4P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS22 MCC-SS22_11 Datasheet
215Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK22 MCC-SK22 Datasheet
625Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS24-TP MCC-SS24-TP Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS210-LTP MCC-SS210-LTP Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SK23-TP MCC-SK23-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SK22 MCC-SK22_11 Datasheet
275Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS22-L MCC-SS22-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com