Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS28-L Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części SS28-L
Szczegółowy opis  2 Amp Schottky Rectifier 20 to 150 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS28-L Arkusz danych(HTML) 1 Page - Micro Commercial Components

  SS28-L Datasheet HTML 1Page - Micro Commercial Components SS28-L Datasheet HTML 2Page - Micro Commercial Components SS28-L Datasheet HTML 3Page - Micro Commercial Components SS28-L Datasheet HTML 4Page - Micro Commercial Components SS28-L Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS22-L
THRU
SS2150-L
2 Amp Schottky
Rectifier
20 to 150 Volts
Features
Low Forward Voltage
High Current Capability
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
SS22-L
SS22
20V
14V
20V
SS23-L
SS23
30V
21V
30V
SS24-L
SS24
40V
28V
40V
SS25-L
SS25
50V
35V
50V
SS26-L
SS26
60V
42V
60V
SS28-L
SS28
80V
56V
80V
SS210-L
SS210
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 100
°C
0.5mA
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
Typical Junction
Capacitance
Maximum
Instantaneous
Forward Voltage
SS22-SS24
SS25-SS26
SS28-SS210
VF
.55V
.70V
.85V
IFM = 2.0A;
TJ = 25
°C*
          
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine





 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
SS2150-L
S2150
150V
105V
150V
www.mccsemi.com
Revision: A
2011/01/01
Guard Ring Protection
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
IR
TJ = 25°C





SS22
SS23-SS210
SS2150
CJ
230pF
50pF
170pF
Measured at
1.0MHz,VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
O C/W
75
25
15
O C/W
O C/W
RthJL
RthJC
RthJA
Typical Thermal
1 of 5
MCC
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Podobny numer części - SS28-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SS28-L MCC-SS28-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS28-L MCC-SS28-L Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS28-L MCC-SS28-L Datasheet
266Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
logo
Frontier Electronics.
SS28-LFR FRONTIER-SS28-LFR Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SS28-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SR2150 MCC-SR2150 Datasheet
182Kb / 3P
   2 Amp Schottky Barrier Rectifier 150 Volts
SK22-L MCC-SK22-L Datasheet
358Kb / 4P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS22 MCC-SS22_11 Datasheet
215Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK22B LEIDITECH-SK22B Datasheet
613Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK22 MCC-SK22 Datasheet
625Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS24-TP MCC-SS24-TP Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS210-LTP MCC-SS210-LTP Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SK23-TP MCC-SK23-TP Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SK22 MCC-SK22_11 Datasheet
275Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
SS22-L MCC-SS22-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com