Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4961 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM4961
Szczegółowy opis  Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM4961 Datasheet HTML 1Page - Texas Instruments LM4961 Datasheet HTML 2Page - Texas Instruments LM4961 Datasheet HTML 3Page - Texas Instruments LM4961 Datasheet HTML 4Page - Texas Instruments LM4961 Datasheet HTML 5Page - Texas Instruments LM4961 Datasheet HTML 6Page - Texas Instruments LM4961 Datasheet HTML 7Page - Texas Instruments LM4961 Datasheet HTML 8Page - Texas Instruments LM4961 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4961, LM4961LQBD
www.ti.com
SNAS242J – AUGUST 2004 – REVISED MARCH 2007
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (Vdd)
6.0V
Amplifier Supply Voltage (V1)
9.5V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(4)
Internally limited
ESD Susceptibility(5)
2000V
ESD Susceptibility(6)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (WQFN)
66°C/W
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower. For the LM4961 typical application (shown in Figure 2) with VDD = 4.2V, RL = 2μF+30Ω mono BTL operation the maximum power
dissipation is 232mW.
θJA = 66°C/W.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
3.0V < VDD < 5.0V
Amplifier Supply Voltage (V1)
2.7V < V1 < 9.0V
Electrical Characteristics VDD = 4.2V
The following specifications apply for VDD = 4.2V, AV-BTL = 26dB, RL = 2µF+30Ω, Cb = 1.0μF, Band-SW = VDD unless
otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4961
Units
(Limits)
Typical(1)
Limit(2)(3)
IDD
Quiescent Power Supply Current
VIN = 0V, No Load
7
14
mA (max)
Band-SW = VDD
Iddrcv
Iq in receiver mode
VIN = 0V, No Load
2
4
mA (max)
Band-SW = GND
ISD
Shutdown Current
VSHUTDOWN1 = VSHUTDOWN2 = GND
0.1
2.0
µA (max)
Band-SW = GND (Note 9)
VLH
Logic High Threshold Voltage
For Shutdown 1, Shutdown 2, and
1.5
V (min)
Band-SW
VLL
Logic Low Threshold Voltage
For Shutdown 1, Shutdown 2, and
0.4
V (max)
Band-SW
RPULLDOWN
Pulldown Resistor
For Shutdown 2 and Band-SW
70k
50k
Ω (min)
TSD
Thermal Shutdown Temperature
125
°C (min)
THD = 1%, f = 1kHz
Vout
Output Voltage Swing
15
14
Vp-p (min)
RL = 2μF+30Ω Mono BTL
THD+N
Total Harmomic Distortion + Noise
Vout = 14Vp-p, f = 1kHz
0.05
1.0
% (max)
εOS
Output Noise
A-Weighted Filter, VIN = 0V (Note 10)
115
µV
(1)
Typicals are measured at 25°C and represent the parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4961 LM4961LQBD


Podobny numer części - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Podobny opis - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com