Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4992 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4992
Szczegółowy opis  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM4992 Datasheet HTML 1Page - Texas Instruments LM4992 Datasheet HTML 2Page - Texas Instruments LM4992 Datasheet HTML 3Page - Texas Instruments LM4992 Datasheet HTML 4Page - Texas Instruments LM4992 Datasheet HTML 5Page - Texas Instruments LM4992 Datasheet HTML 6Page - Texas Instruments LM4992 Datasheet HTML 7Page - Texas Instruments LM4992 Datasheet HTML 8Page - Texas Instruments LM4992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Test conditions are at TA = +25°C, VS+ = +5V, VOCM = +2.5V, VOUT = 2VPP, RL = 400Ω differential, G = +12dB, differential input
and output, and input and output referenced to midsupply, unless otherwise noted. Measured using evaluation module as
discussed in Test Circuits section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
f = 50MHz, 10MHz spacing
–97
dBc
C
Third-order intermodulation
f = 100MHz, 10MHz spacing
–100
dBc
C
distortion, Gain = +12dB, RL =
f = 150MHz, 10MHz spacing
–92
dBc
C
400
Ω, VOUT = 2VPP
f = 200MHz, 10MHz spacing
–81
dBc
C
RL = 20Ω
19.6
dBm
C
1dB compression point
f = 100MHz
RL = 400Ω
8.7
dBm
C
Output third-order intercept
At device outputs, RL = 400Ω, f = 100MHz
47
dBm
C
point
Input-referred voltage noise
f = 1MHz
1.5
nV/
√Hz
C
Ouput-referred voltage noise
f = 1MHz
6
nV/
√Hz
C
f = 50 MHz
9.5
dB
C
100
Ω differential
Noise figure
f = 100 MHz
10.7
dB
C
source
f = 200 MHz
12.3
dB
C
Overdrive recovery
Overdrive =
±0.5V
5
7.5
ns
B
Output balance error
f = 200MHz
-60
dB
C
Output impedance
f = 100MHz
4
Ω
C
DC PERFORMANCE
TA = +25°C, RL = 400Ω
11.65
11.9
12.15
dB
A
TA = +25°C, RL = 100Ω
11.4
11.6
11.85
dB
B
Gain (+12dB gain setting)
TA = –40°C to +85°C, RL = 400Ω
11.6
12.2
dB
B
TA = –40°C to +85°C, RL = 100Ω
11.6
12.2
dB
B
TA = +25°C
–20
±2
20
mV
A
Output offset
TA = –40°C to +85°C
–22.5
22.5
mV
B
TA = +25°C
36
60
dB
A
Common-mode rejection ratio
TA = –40°C to +85°C
35
dB
B
INPUT
Differential input resistance
85
100
115
Ω
A
Input common-mode range
Inputs shorted together, VOCM = 2.5V
2.25
2.75
V
A
OUTPUT
TA = +25°C
3.64
3.7
V
A
Each output with
Most positive output voltage
200
Ω to midsupply
TA = –40°C to +85°C
3.59
V
B
TA = +25°C
1.3
1.4
V
A
Each output with
Least positive output voltage
200
Ω to midsupply
TA = –40°C to +85°C
1.45
V
B
TA = +25°C
3.59
3.6
V
A
Each output with
Most positive output voltage
50
Ω to midsupply
TA = –40°C to +85°C
3.54
V
B
TA = +25°C
1.3
1.5
V
A
Each output with
Least positive output voltage
50
Ω to midsupply
TA = –40°C to +85°C
1.55
V
B
TA = +25°C, RL = 400Ω
4.4
4.8
VPP
B
Differential output voltage
TA = –40°C to +85°C, RL = 400Ω
4.2
VPP
B
TA = +25°C, RL = 10Ω
80
mA
B
Differential output current drive
TA = –40°C to +85°C, RL =10Ω
80
mA
B
4
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Podobny numer części - LM4992

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Podobny opis - LM4992

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com