Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB0505XT-1W Arkusz danych(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Numer części CB0505XT-1W
Szczegółowy opis  UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

CB0505XT-1W Arkusz danych(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  CB0505XT-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. CB0505XT-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. CB0505XT-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC/DC Converter
CB0505XT-1W
2014.05.16-A/1
Page 2 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Reflow Soldering Temperature
Peak temp.≤225℃,maximum duration
time≤60s at 200℃.
For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input voltage
--
125
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
12.70*11.20*6.25mm
Weight
1.4 g(Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR25/EN55025 CLASS 1 (see Fig. 5 for recommended circuit)
EMS
Electrostatic discharge
ISO10605
Contact ±6KV
perf. Criteria B
Product Characteristic Curve
Tolerance Envelope Graph
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output Voltage
Output Current Percentage(%)
Typical Load
Curve
70
(Nominal Input Voltage)
Fig. 1
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temperature( )
Safe Operating Area
Temperatu re Derating Graph
Fig. 2
CB0505XT-1W
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
Efficiency Vs Input Voltage (Full Load)
CB0505XT-1W
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important , start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator with overheat protection
which is connected to the input or output in series (Fig. 4)
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Vin
GND
0V
+Vo
DC DC
REG
REG
Fig.4
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(μF)
Vo (VDC)
Cout(μF)
5
4.7
5
10
It is not recommended to connect any external capacitor when output power is less than 0.5W.


Podobny numer części - CB0505XT-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
CB0505D-1W MORNSUN-CB0505D-1W Datasheet
361Kb / 4P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Podobny opis - CB0505XT-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
CB0505D-1W MORNSUN-CB0505D-1W Datasheet
361Kb / 4P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
B0503S-3 MORNSUN-B0503S-3 Datasheet
262Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03_12 Datasheet
184Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com