Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0512D-2WR2 Arkusz danych(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Numer części E0512D-2WR2
Szczegółowy opis  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0512D-2WR2 Arkusz danych(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0512D-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_D-2WR2 & F_D-2WR2
2013.11.14-A/0
Page 1 of5
FEATURES
● Miniature DIP package
● Efficiency up to 86%
● High power density
● 3000VDC isolation
● Operating temperature range:
-40
°C~ +85°C
● No external component required
● Industry standard pinout
APPLICATIONS
The E_D-2WR2 & F_D-2WR2 Series are designed
for application where isolated output is required froma
distributed power system.
These products apply to where:
1) Input voltage variation rang:
±10%Vin;
2) 3000VDC input and output isolation;
3) Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog
circuits, and relay drive circuits.
E_D-2WR2 & F_D-2WR2 Series
2W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
E0505D-2WR2
Rated Power
Package
Output Voltage
Input Voltage
P
roduct Series
SELECTION GUIDE
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current
(mA)
Input Current
(mA)(Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%)
@Max. Load
Nominal
(Range)
Max.
Min.
@Max.
Load
@No
Load
Min.
Typ.
E0505D-2WR2
5
(4.5-5.5)
±5
±200
±20
500
25
15
100
76
80
E0509D-2WR2
±9
±111
±11
476
80
84
E0512D-2WR2
±12
±83
±8
476
80
84
E0515D-2WR2
±15
±67
±7
476
80
84
E0524D-2WR2
±24
±42
±4
476
80
84
F0505D-2WR2
5
400
40
506
75
79
F0509D-2WR2
9
222
22
476
80
84
F0512D-2WR2
12
167
17
476
80
84
F0515D-2WR2
15
133
13
476
80
84
F0524D-2WR2
24
83
8
476
80
84
E0905D-2WR2
9
(8.1-9.9)
±5
±200
±20
278
20
100
76
80
E0909D-2WR2
±9
±111
±11
271
78
82
E0912D-2WR2
±12
±83
±8
274
77
81
E0915D-2WR2
±15
±67
±7
268
79
83
E0924D-2WR2
±24
±42
±4
268
79
83
F0905D-2WR2
5
400
40
278
220
76
80
F0909D-2WR2
9
222
22
271
78
82
F0912D-2WR2
12
167
17
274
77
81
F0915D-2WR2
15
133
13
268
79
83
F0924D-2WR2
24
83
8
268
79
83
E1205D-2WR2
12
(10.8-13.2)
±5
±200
±20
208
15
15
100
76
80
E1209D-2WR2
±9
±111
±11
194
82
86
E1212D-2WR2
±12
±83
±8
201
79
83
E1215D-2WR2
±15
±67
±7
196
81
85
E1224D-2WR2
±24
±42
±4
196
81
85


Podobny numer części - E0512D-2WR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangzhou Reicu Electro...
E0512D-2WR2 REICU-E0512D-2WR2 Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
More results

Podobny opis - E0512D-2WR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com