Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0512D-2WR2 Arkusz danych(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Numer części E0512D-2WR2
Szczegółowy opis  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0512D-2WR2 Arkusz danych(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  E0512D-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0512D-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_D-2WR2 & F_D-2WR2
2013.11.14-A/0
Page 3 of5
Short Circuit Protection**
Intput Voltage:9,24VDC and E0512D-2WR2,E0515D-
2WR2,E0524D-2WR2
--
--
1
s
Others
Continuous, automatic recovery
Note:1.* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes
2.**For the products of 9V and 24V Intput voltage and E0512D-2WR2,E0515D-2WR2,E0524D-2WR2, supply voltage must be discontinued at the end of short
circuit duration.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute and leakage current less than 1 mA
3000
--
--
VDC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
E/F2415D-2WR2
E/F2424D-2WR2
--
30
--
pF
Others
--
20
--
Switching Frequency
Full load, nominal input
--
100
300
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Plastic (UL94-V0)
Weight
--
2.4
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating(
≥ 85℃, see figure 2)
-40
--
85
°C
Storage Temperature
-55
--
125
Temp. rise
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASSB(Recommended Circuit Refer to Figure1)
RE
CISPR22/EN55022
CLASSB(Recommended Circuit Refer to Figure1)
EMS
ESD
E_D-2WR2
IEC/EN61000-4-2
Contact
±6KV perf. CriteriaB
F_D-2WR2
IEC/EN61000-4-2
Contact
±8KV perf. CriteriaB
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit (CLASSB):
Vin
G ND
+Vo
-Vo
()
0V
EUT
L O AD
LDM
C1
C2
Vin
G ND
(Figure 1)
Note: If there is no recommended parameters, the model no require the external
component.
Recommended typical circuit parameters:
Vin(V)
5
9/12/15/24
EMI
C1
4.7
µF /50V
4.7
µF /50V
C2
--
470pF/3KV
LDM
6.8
µH
6.8
µH
PRODUCT TYPICAL CURVE
Tolerance Envelope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Ra ted
Outp ut
Volta ge
Output Cu rren t Percent(%)
Typical L
oad Line
70
(Nominal Inpu t Voltage)
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temp.()
Te m pe ra t u re D era t in g C u rve
Safe Operating Area
(Figure 2)


Podobny numer części - E0512D-2WR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangzhou Reicu Electro...
E0512D-2WR2 REICU-E0512D-2WR2 Datasheet
800Kb / 1P
   3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
More results

Podobny opis - E0512D-2WR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com