Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H0503S-1W Arkusz danych(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Numer części H0503S-1W
Szczegółowy opis  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0503S-1W Arkusz danych(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  H0503S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 3 of 5
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit(CLASS B):
V in
G ND
+ Vo
0V
(- Vo)
EUT
L O AD
L DM
C1
V in
G ND
(Figure1)
Recommended typical circuit parameters:
Vin(V)
5/12/15/24
C1
4.7
µF /50V
EMI
LDM
6.8
µH
EMC TEST WAVEFORM (RECOMMENDED CIRCUIT FINGURE 1)
H0505S-1W CE(Positive line)
H0505S-1W CE(Negative, line)
PRODUCT TYPICAL CURVE
Tolerance Envel ope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Ra ted
Output
Voltage
Output Current Percent(%)
Typical L
oad Line
70
(Nominal Input Voltage)
120
100
80
60
40
20
0
-40
0
40
80 100 105
Ambient Temp.()
Safe Operati ng Ar ea
Temperature Derating G raph
(Figure 2)
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
H0505S-1W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
H0505S-1W


Podobny numer części - H0503S-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results

Podobny opis - H0503S-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com