Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB10-10B24LT Arkusz danych(PDF) 7 Page - MORNSUN Science& Technology Ltd.

Numer części LB10-10B24LT
Szczegółowy opis  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B24LT Arkusz danych(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  LB10-10B24LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 7 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note:
1. Packing Information please refer to 'Product Packing Information'. The Packing bag number of Horizontal package : 58220006;
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25°C, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products
will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Podobny numer części - LB10-10B24LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LB10-10B24 MORNSUN-LB10-10B24 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10B24 MORNSUN-LB10-10B24 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Podobny opis - LB10-10B24LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com