Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-05B12SC Arkusz danych(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Numer części LS03-05B12SC
Szczegółowy opis  3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B12SC Arkusz danych(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS03-05B12SC Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B12SC Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B12SC Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B12SC Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BXXSC
A/1-2012
Page 1 of 4
SELECTION GUIDE
Model
Package
Power
Output (Vo/Io)
Ripple and Noise
(typ)
Efficiency
(%)(typ)
Standby
Power(typ)
LS03-05B03SC
1.65W
3.3V/500mA
65
0.3W
LS03-05B05SC
2.5W
5V/500mA
68
0.3W
LS03-05B09SC
9V/330mA
70
0.3W
LS03-05B12SC
12V/250mA
74
0.3W
LS03-05B15SC
15V/200mA
74
0.3W
LS03-05B24SC
35.0X25.5X10.5mm
3W
24V/125mA
70mV
74
0.4W
INPUT SPECIFICATIONS
Input voltage range
100~400VDC(85~264VAC)
Input current
40mA(typ)
Leakage current
None
External input fuse (recommended)
1A/250V
Slow-Blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
Input variation
±0.5% (typ)
Load variation (10%~100%)
±1% (typ)
3.3 / 5 / 9 VDC models
70mV (typ)
100mV (max)
12VDC models
70mV (typ)
100mV (max)
15 VDC models
70mV (typ)
100mV (max)
Ripple & noise(p-p)
(20MHz Bandwidth)
24 VDC models
70mV (typ)
100mV (max)
Short circuit protection
Continuous, automatic resume
LS03-05B03SC
950
LS03-05B05SC
950
LS03-05B09SC
450
LS03-05B12SC
450
LS03-05B15SC
350
Capacitor load max(
µF)
LS03-05B24SC
220
COMMON SPECIFICATIONS
Operating
-25
°C ~ +85°C
(55℃~85
)
1.33%/ ℃
Power derating
(-25℃~0)
2%/
°C
Storage
-40
°C ~ +105°C
Temperature ranges
Case temperature
+90
°C (max.)
LS03-05BXXSC Series
3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03 Series ----- are high efficiency green power modules with miniature
packaging provided by Mornsun. The features of this series are: wide input voltage,
DC and AC all in one, high efficiency, high reliability, low loss, safety isolation etc.
They are widely used in industrial, office and civil equipments, as well as
applications where no special requirement for EMC performance.
For harsh EMC
environment, this series of products must use the refered application circuit.
PRODUCT FEATURES
1.
Wide input voltage:100 ~ 400VDC(85 ~ 264VAC)
2.
Over temperature protection and short circuit protection
3.
High efficiency, high density
4.
Low loss, green power
5.
Multiple models available
6.
Industrial level specifications
PART NUMBER SYSTEM
Spe cial Mark
put Vo lt age
Volt age
Out pu t Po wer
Out pu t Vo lta ge
Outpu t Style
In
Isolation
Packa ge Style
Produ ct Series
LS03-05B15SC


Podobny numer części - LS03-05B12SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-05B12S MORNSUN-LS03-05B12S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
More results

Podobny opis - LS03-05B12SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com