Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-05BY7S Arkusz danych(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Numer części LS03-05BY7S
Szczegółowy opis  HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05BY7S Arkusz danych(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS03-05BY7S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05BY7S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05BY7S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BY7S
A/1-2011
Page 1 of 3
PRODUCT PROGRAM
Model
Package
Power
Output (Vo1/Io1)
Ripple and Noise
(typ.)
Efficiency (%)
(typ.)
LS03-05BY7S
35.0X22.5X10.5mm
3W
7.5V/400mA
50mV
72
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
Input variation
±0.5% (typ)
Load variation (10%
~100%)
±1% (typ)
Ripple & noise(p-p)
(20MHz Bandwidth)
50mV(typ)
100mV( max)
Short circuit protection
Continuous, automatic resume
Over temperature protection
150
°C (max)
Note: Ripple and Noise were measured by the method of anear measure (The details see the anear measure).
COMMON SPECIFICATIONS
Operating:
-40
°C ~ +85°C
Power derating
(above 55
°C):
1.33%/
°C
Storage
-40
°C ~ +105°C
Temperature ranges
Case temperature:
+90
°C (max)
Humidity
85%(max)
Temperature coefficient
0.02%/
°C
Switching frequency
100kHz(typ)
I/O-isolation voltage
2000VAC/1Min
Case material
UL94V-0
Install
PCB
MTBF
>300,000h @25
°C
LS03-05BY7S
3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS ----- are high efficiency green power modules with miniature
packaging provided by MORNSUN. The features of this series are: wide
input voltage, DC and AC all in one, high efficiency, high reliability, low loss,
safety isolation etc. They are widely used in industrial, office and civil
equipments, as well as applications where no special requirement for EMC
performance. It is recommended to add EMI suppression circuit or take
measure to shield when there is strict requirement for EMC performance.
PRODUCT FEATURES
1.
Wide input voltage:100 ~ 400VDC(85 ~ 264VAC)
2.
Over temperature protection and short circuit protection
3.
High efficiency, high density
4.
Low loss, green power
5.
Multiple models available
6.
Industrial level specifications
MODEL SELECTION
Special Mark
put Voltage
Voltage
Output Power
Output Voltage
Output Style
In
Isolation
Package Style
Product Series
LS03-05BY7S
INPUT SPECIFICATIONS
Input voltage range
100~400VDC(85~264VAC)
Input current
40mA(typ)
Leakage current
None
External input fuse (recommended)
0.5A/250V


Podobny numer części - LS03-05BY7S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05S MORNSUN-LS03-05B05S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
More results

Podobny opis - LS03-05BY7S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
   AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com