Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS05-15B12S Arkusz danych(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Numer części LS05-15B12S
Szczegółowy opis  5W,AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B12S Arkusz danych(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS05-15B12S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B12S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B12S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B12S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B12S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS05(-F) series
2013.08.29-A/1
Page 2 of 5
Min Load
10
--
--
%
115VAC
20
--
--
Hold-up Time
230VAC
80
--
--
ms
Short Circuit Protection
Continuous, and auto recovery
Over Current Protection
≥110%Io,Auto recovery
Over Voltage Protection
Zener diode clamp
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-25
--
+85
Storage Temperature
-40
--
+105
Surface temperature
--
--
+100
Storage Humidity
--
--
85
%RH
Temperature coefficient
--
±0.02
--
-25℃~+0℃
0.8
--
--
Power derating
+55℃~+85℃
1.33
--
--
%/℃
Isolation Resistance
100
--
--
M
Ω
Isolation Voltage
input-output
Tested for 1 minute(leakage current setting value:5 mA)
3000
--
--
VAC
Switching Frequency
--
100
--
kHz
Weight
--
10
--
g
Wave-soldering
260± 5℃; time:5~10s
Welding Temperature
Manual-welding
360± 10℃; time:3~5s
Safety approvals
EN60950/UL60950
Safety Class
CLASS II
Safety standards
IEC60950/EN60950/UL60950
Hot swap
Forbid
Install
PCB
Cooling
Free air convection
MTBF
>300,000 h @ 25℃
Note: 1. External electrolytic capacitors are required to modules, more details refer to typical applications.
2. Ripple and Noise measuring refer to
“RIPPLE AND NOISE MEASURE FIGURE”.
3. All specifications were measured at Ta=25
°C, humidity<75%, nominal input voltage(115VAC or 230VAC) and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. W hen working under high vibration, the product need to be glued for fixing.
EMC SPECIFICATIONS
CISPR22/EN55022, CLASS A
(with typical applications Figure 1)
CE
CISPR22/EN55022, CLASS B
(with typical applications Figure 3)
EMI
RE
CISPR22/EN55022, CLASS B
(with typical applications Figure 1 or Figure 3 )
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(with typical applications Figure 1)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(with typical applications Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV/±2KV (with typical applications Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
(with typical applications Figure 3)
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
RIPPLE AND NOISE MEASURE FIGURE
C o p pe r s heet
L o ad
C o nne c t Os c illog r a p h Probe
AC(
L)
AC(
N)
AC -DC
+Vo
-Vo
F U SE
3
1
C2
C3
C Y0
L1
C4
5
7
14
12
C1
Note:CY0 is 1nF/400VAC Y1 capacitor, C1,C2,L1,C3,C4 refer to
” EXTERNAL CIRCUIT PARAMETERS”


Podobny numer części - LS05-15B12S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS05-15B12SS MORNSUN-LS05-15B12SS Datasheet
284Kb / 5P
   AC/DC converter
More results

Podobny opis - LS05-15B12S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com