Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM4T7V6AY Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części SM4T7V6AY
Szczegółowy opis  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T7V6AY Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button SM4T7V6AY Datasheet HTML 4Page - STMicroelectronics SM4T7V6AY Datasheet HTML 5Page - STMicroelectronics SM4T7V6AY Datasheet HTML 6Page - STMicroelectronics SM4T7V6AY Datasheet HTML 7Page - STMicroelectronics SM4T7V6AY Datasheet HTML 8Page - STMicroelectronics SM4T7V6AY Datasheet HTML 9Page - STMicroelectronics SM4T7V6AY Datasheet HTML 10Page - STMicroelectronics SM4T7V6AY Datasheet HTML 11Page - STMicroelectronics SM4T7V6AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM4TY
Ordering information
Doc ID 17862 Rev 3
11/12
5
Ordering information
6
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM4TxxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMA
0.072 g
5000
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
08-Sep-2010
1
Initial release.
09-Nov-2011
2
Added order codes in Table 2 and Table 4. Updated
Figure 5, 6 and 7.
27-Mar-2012
3
Added footnote on page 1.


Podobny numer części - SM4T7V6AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM4T7V6AY STMICROELECTRONICS-SM4T7V6AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
SM4T7V6AYCAY STMICROELECTRONICS-SM4T7V6AYCAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results

Podobny opis - SM4T7V6AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com