Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMX058P102 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części FMX058P102
Szczegółowy opis  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FMX058P102 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FMX058P102 Datasheet HTML 5Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 6Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 7Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMX058P102 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
34
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMS001P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
174U,
FMS001S102
FMS001P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
188AU, 316U
FMS001S101
FMS001P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
174U,
FMS001S202
FMS001P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
188AU, 316U
FMS001S201
FMS006P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMS006S102
FMS006P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMS006S101
FMS009P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMS009S102
FMS009P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMS009S101
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
Outer Conductor
Suitable Cables RG-
Outer Conductor
Inner Conductor
58CU, 141AU
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
Bestellnummer
Steckdose
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
approx. approx.
approx.
ca.
ca.
ca.
FMS001...
0,6
1,9
2,4
3,2
9,0
4,3
3,0
11,2
22,45
22,95
16,6
(0.024)
(0.075)
(0.094)
(0.126)
(0.354)
(0.169)
(0.118)
(0.441)
(0.884)
(0.904)
(0.654)
FMS006...
0,6
1,9
2,7
3,8
9,3
4,3
3,0
11,2
22,45
22,95
16,6
(0.024)
(0.075)
(0.106)
(0.150)
(0.366)
(0.169)
(0.118)
(0.441)
(0.884)
(0.904)
(0.654)
FMS009...
1,3
3,7
4,5
5,2
8,3
3,6
2,7
10,7
22,15
22,65
16,3
(0.051)
(0.146)
(0.177)
(0.205)
(0.327)
(0.142)
(0.106)
(0.421)
(0.872)
(0.892)
(0.642)
FMS Coaxial Contacts, 50 Ohm, Straight Cable Termination
FMSKoaxialkontakte,50Ohm,geraderKabelanschluss
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen
Crimp snap-in system
Crimp Snap-in System


Podobny numer części - FMX058P102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-10D GULFSEMI-FMX-10D Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
logo
Sanken electric
FMX-1106S SANKEN-FMX-1106S Datasheet
147Kb / 4P
   Silicon Diode
FMX-12S SANKEN-FMX-12S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-12S SANKEN-FMX-12S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
More results

Podobny opis - FMX058P102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com