Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL3700 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części HCPL3700
Szczegółowy opis  AC/DC to Logic Interface Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL3700 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL3700 Datasheet HTML 2Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 3Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 4Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 5Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 6Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 7Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 8Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 9Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL3700 Rev. 1.0.3
6
Typical Performance Curves (Continued)
Fig. 8 External Threshold Characteristics V+/V- vs. Rx
RX – EXTERNAL SERIES RESISTOR (kΩ)
040
80
120
160
200
240
0
50
100
150
200
250
300
Fig. 7 Logic High Supply Current vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
1
10
100
1000
V+ (AC)
V- (AC)
V- (DC)
V+ (DC)
VO = OPEN
V
I
IN
CC
= 0mA
= 18V


Podobny numer części - HCPL3700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
More results

Podobny opis - HCPL3700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com