Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL3700 Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części HCPL3700
Szczegółowy opis  AC/DC to Logic Interface Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL3700 Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL3700 Datasheet HTML 3Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 4Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 5Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 6Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 7Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 8Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 9Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 10Page - Fairchild Semiconductor HCPL3700 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL3700 Rev. 1.0.3
10
Carrier Tape Specifications
Reflow Profile
Note:
All dimensions are in inches (millimeters)
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.90
± 0.20
0.1 MAX
10.30
± 0.20
10.30
± 0.20
Ø1.6
± 0.1
• Peak reflow temperature: 225C (package surface temperature)
• Time of temperature higher than 183C for 60–150 seconds
• One time soldering reflow is recommended
215 C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, 60–150 sec
Ramp up = 3C/sec


Podobny numer części - HCPL3700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
More results

Podobny opis - HCPL3700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com