Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U0603C102JNT Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części U0603C102JNT
Szczegółowy opis  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

U0603C102JNT Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button U0603C102JNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 9Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 10Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 11Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 12Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 13Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 14Page - List of Unclassifed Manufacturers U0603C102JNT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 11
27/04/06 V1.0
Precautions for Assembly
Adhesives for Mounting
(1) Selection of adhesives
a. The viscosity of an adhesive for mountings shall be such that the adhesive dose not flow off on the land during its curing.
b. If the adhesive is too low in its viscosity, mounted components may be out of alignment after or during soldering.
c. The adhesives shall not be corrosive or chemically active to the mounted components and the PC boards.
d. The amount of adhesive shall be such that the adhesive does not flow off or be out of alignment.
e. Adhesives for mountings can be cured by ultraviolet or infrared radiation. In order to prevent the terminal electrodes of the
Capacitors the curing shall be done at conditions of 180°C maximum, for 2 minutes maximum.
Chip Mounting consideration
In mounting the Capacitors / components on a printed circuit board, any bending and expanding force against them shall be kept
minimum to prevent them from being damaged or cracked.
Following precautions and recommendation shall be observed carefully in the process:
(1) Maximum stroke of the vacuum nozzle shall be adjusted so that the pushing force to the printed circuit board shall be limited to a
static of 1 to 3 N (100 to 300 gf) (See Figure4).
(2) Maximum stroke of the nozzle shall be adjusted so that the maximum bending of printed circuit board dose not exceeded 0.5mm
(See Figure 4)
Figure 4
(3) The printed circuit board shall be supported by means of adequate supporting pins as shown in Fig.5-(b)
Figure 5


Podobny numer części - U0603C102JNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U0603C220BCT ETC2-U0603C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220BCT ETC2-U0603C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220CCT ETC2-U0603C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220DCT ETC2-U0603C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220FCT ETC2-U0603C220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Podobny opis - U0603C102JNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com