Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25007 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25007
Szczegółowy opis  42V, 0.5A Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25007 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM25007 Datasheet HTML 1Page - Texas Instruments LM25007 Datasheet HTML 2Page - Texas Instruments LM25007 Datasheet HTML 3Page - Texas Instruments LM25007 Datasheet HTML 4Page - Texas Instruments LM25007 Datasheet HTML 5Page - Texas Instruments LM25007 Datasheet HTML 6Page - Texas Instruments LM25007 Datasheet HTML 7Page - Texas Instruments LM25007 Datasheet HTML 8Page - Texas Instruments LM25007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
FB
VIN
VCC
SW
RTN
ON TIMER
DRIVER
VIN
BST
LEVEL
SHIFT
SD/
RON
2.5V
THERMAL
SHUTDOWN
0.725A
BUCK
SWITCH
CURRENT
SENSE
COMPLETE
RCL
START
RCL
COMPLETE
START
Ron
100 PH
L1
C2
15 PF
R3
3.01k
R4
1k
R2
100k
RON
200k
C4
0.01 PF
C3
0.1 PF
12V -42V
10V
LM25007
UVLO
FB
R5
1
UVLO
REGULATION
COMPARATOR
OVER-VOLTAGE
COMPARATOR
2.875V
SD
SD
COMPLETE
START
MINIMUM OFF
TIMER
C1
1 PF
8
6
5
3
4
1
2
7
7V SERIES
REGULATOR
CURRENT LIMIT
OFF TIMER
SHUTDOWN
C5
0.1 PF,
100V
D1
Q
CLR
Q
SET
S
R
+
-
+
-
+
-
LM25007
www.ti.com
SNVS401B – JANUARY 2006 – REVISED FEBRUARY 2008
Typical Application Circuit and Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to RTN
45V
BST to RTN
59V
SW to RTN (Steady State)
-1V
ESD Rating (2)
Human Body Model
2kV
BST to VCC
45V
BST to SW
14V
VCC to RTN
14V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharge through a 1.5k
Ω resistor into each pin. The human body ESD compliance level
for Pin 7 and 8 is 1000V.
Operating Ratings
(1)
VIN
9V to 42V
Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25007


Podobny numer części - LM25007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
181Kb / 4P
   Boot Capacitor Regulation in LM25007 Constant-On-Time (COT) Converter
logo
Texas Instruments
LM25007 TI-LM25007 Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

Podobny opis - LM25007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com