Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25037-Q1 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25037-Q1
Szczegółowy opis  Dual-Mode PWM Controller With Alternating Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037-Q1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM25037-Q1 Datasheet HTML 5Page - Texas Instruments LM25037-Q1 Datasheet HTML 6Page - Texas Instruments LM25037-Q1 Datasheet HTML 7Page - Texas Instruments LM25037-Q1 Datasheet HTML 8Page - Texas Instruments LM25037-Q1 Datasheet HTML 9Page - Texas Instruments LM25037-Q1 Datasheet HTML 10Page - Texas Instruments LM25037-Q1 Datasheet HTML 11Page - Texas Instruments LM25037-Q1 Datasheet HTML 12Page - Texas Instruments LM25037-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM25037, LM25037-Q1
www.ti.com
SNVS572C – JULY 2008 – REVISED JANUARY 2010
FUNCTIONAL DESCRIPTION
The LM25037 PWM controller contains all the features necessary to implement double-ended power converter
topologies such as push-pull, half-bridge and full-bridge. The unique architecture allows the modulator to be
configured for either voltage-mode or current-mode control. The LM25037 provides two alternative gate driver
outputs to drive the primary side power MOSFETs with programmable forced dead-time. The LM25037 can be
configured to operate with bias voltages ranging from 5.5V to 75V. Additional features include line under-voltage
lockout, cycle-by-cycle current limit, voltage feed-forward compensation, and hiccup mode fault protection with
adjustable delays, soft-start, and a 2MHz capable oscillator with synchronization capability, precision reference
and thermal shutdown. These rich set of features simplify the design of double ended topologies. The functional
block diagram is shown in Figure 14.
HIGH-VOLTAGE START-UP REGULATOR
The LM25037 contains an internal high voltage, low drop-out start-up regulator that allows the input pin (VIN) to
be connected directly to the supply voltage over a range of 5.5V to a maximum of 75V. The regulator output at
VCC (7.7V) is internally current limited with a guaranteed minimum of 20 mA. When the UVLO pin potential is
greater than 0.45V, the VCC regulator is enabled to charge an external capacitor connected to the VCC pin. The
VCC regulator provides power to the voltage reference (REF) and the gate drivers (OUTA and OUTB). When the
voltage on the VCC pin exceeds its Under Voltage (VCC UV) threshold of 5.0V nominal, the internal voltage
reference (REF) reaches its regulation set point of 5V and the UVLO voltage is greater than 1.25V, the controller
outputs are enabled. The value selected for the VCC capacitor depends on the total system design, and its start-
up characteristics. The recommended range of values for the VCC capacitor is 0.47 µF to 10 µF.The internal
power dissipation of the LM25037 can be reduced by powering VCC from an external supply. In typical
applications, an auxiliary transformer winding is connected through a diode to the VCC pin. This winding must
raise the VCC voltage above 8.2V to shut off the internal start-up regulator. Powering VCC from an auxiliary
winding improves efficiency while reducing the controller’s power dissipation. The VCC UV circuit will still function
in this mode, requiring that VCC never falls below 5.0V nominal during the start-up sequence. The VCC regulator
series pass transistor includes a diode between VCC and VIN that should not be forward biased in normal
operation. Therefore the auxiliary VCC voltage should never exceed the VIN voltage.
An external DC bias voltage can be used instead of the internal regulator by connecting the external bias voltage
to both the VCC and the VIN pins. In this particular case, the external bias must be greater than max VCC UV of
5.4V and less than the VCC maximum operating voltage rating (14V).
LINE UNDER-VOLTAGE DETECTOR
The LM25037 contains a dual level line Under-Voltage Lock Out (UVLO) circuit. When the UVLO pin voltage is
below 0.45V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.45V
but less than 1.25V, the controller is in standby mode. In standby mode the VCC and REF bias regulators are
active while the controller outputs are disabled. When the VCC and REF outputs exceed their respective under-
voltage thresholds and the UVLO pin voltage is greater than 1.25V, the outputs are enabled and normal
operation begins. An external set-point voltage divider from VIN to GND can be used to set the minimum
operating voltage of the converter. The divider must be designed such that the voltage at the UVLO pin will be
greater than 1.25V when VIN enters the desired operating range. UVLO hysteresis is accomplished with an
internal 22 µA current source that is switched on or off into the impedance of the set-point divider. When the
UVLO pin voltage exceeds 1.25V threshold, the current source is activated to quickly raise the voltage at the
UVLO pin. When the UVLO pin voltage falls below the 1.25V threshold, the current source is disabled causing
the voltage at the UVLO pin to quickly fall. The hysteresis of the 0.45V shutdown comparator is internally fixed at
100 mV.
The UVLO pin can also be used to implement various remote enable/disable functions. Turning off the converter
by forcing the UVLO pin to standby condition provides a controlled soft-stop. See the SOFT-START section for
more details.
REFERENCE
The REF pin is the output of a 5V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 10 mA (typical).
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25037 LM25037-Q1


Podobny numer części - LM25037-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037MT NSC-LM25037MT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MT TI1-LM25037MT Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037MT/NOPB TI-LM25037MT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Podobny opis - LM25037-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com